Electronic Components Datasheet Search
  English  ▼

X  

2073702002 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 2073702002
Description  SLIMSAS 4X RAD TO RAD CABLE ASSY.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

2073702002 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  2073702002 Datasheet HTML 1Page - Molex Electronics Ltd. 2073702002 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO MOLEX ELECTRONIC TECHNOLOGIES, LLC AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION
DIMENSION UNITS
SCALE
mm
1:1
GENERAL TOLERANCES
(UNLESS SPECIFIED)
ANGULAR TOL
±
3.0 °
4 PLACES
±
3 PLACES
±
0.2
2 PLACES
±
0.3
1 PLACE
±
0.4
0 PLACES
±
DRAFT WHERE APPLICABLE
MUST REMAIN
WITHIN DIMENSIONS
CURRENT REV DESC:
EC NO: 606695
DRWN:
CYEH03
2018/10/24
CHK'D: VPENG01
2018/10/29
APPR:
VPENG01
2018/10/29
INITIAL REVISION:
DRWN:
LOU01
2018/06/28
APPR:
VPENG01
2018/08/13
THIRD ANGLE PROJECTION
DRAWING
SERIES
D-SIZE 207370
SLIMSAS 4X RAD TO RAD CABLE ASSY.
PRODUCT CUSTOMER DRAWING
DOCUMENT NUMBER
DOC TYPE
DOC PART
REVISION
2073702000
PSD 000
B
MATERIAL NUMBER
CUSTOMER
SHEET NUMBER
SEE P/N TABLE
GENERAL MARKET
2 OF 2
FORMAT: master-tb-prod-D
REVISION: H
DATE: 2018/01/18
DOCUMENT STATUS
P1
RELEASE DATE
2018/10/29
08:39:21
B1
CLEARWRAP
LABEL DETAIL
PINOUT DIAGRAM
A19
EE SPEC IMPEDANCE
( SEE "LABEL CONTEXT" ON P/N TABLE)
60 REF
20 REF
MOLEX P/N
P1
B19
P1
SIGNAL TYPE
P2
GND
A1
————
B1
GND
RX0+
A2
<———
B2
TX0+
RX0-
A3
<———
B3
TX0-
GND
A4
————
B4
GND
RX1+
A5
<———
B5
TX1+
RX1-
A6
<———
B6
TX1-
GND
A7
————
B7
GND
SB
A8
<———>
B8
SB
SB
A9
<———>
B9
SB
SB
A10
<———>
B10
SB
SB
A11
<———>
B11
SB
SB
A12
<———>
B12
SB
GND
A13
————
B13
GND
RX2+
A14
<———
B14
TX2+
RX2-
A15
<———
B15
TX2-
GND
A16
————
B16
GND
RX3+
A17
<———
B17
TX3+
RX3-
A18
<———
B18
TX3-
GND
A19
————
B19
GND
GND
B1
————
A1
GND
TX0+
B2
———>
A2
RX0+
TX0-
B3
———>
A3
RX0-
GND
B4
————
A4
GND
TX1+
B5
———>
A5
RX1+
TX1-
B6
———>
A6
RX1-
GND
B7
————
A7
GND
SB
B8
<———>
A8
SB
SB
B9
<———>
A9
SB
SB
B10
<———>
A10
SB
SB
B11
<———>
A11
SB
SB
B12
<———>
A12
SB
GND
B13
————
A13
GND
TX2+
B14
———>
A14
RX2+
TX2-
B15
———>
A15
RX2-
GND
B16
————
A16
GND
TX3+
B17
———>
A17
RX3+
TX3-
B18
———>
A18
RX3-
GND
B19
————
A19
GND
A1
30 REF
P2
XXXXXXXXX
XXXXX XX Ohm
YYWWSSSS
FONT: ARIAL
HEIGHT: 2mm Min.
YY - LAST TWO DIGITS OF THE YEAR
WW - WEEK OF THE YEAR
SSSS - PRODUCTION BATCH OF THE WEEK
———> = TRANSMIT TO RECEIVE ON HIGH SPEED CIRCUITS
——— = GND
<———> = SIDEBAND
NOTE: ALL SIGNAL GROUND ARE BUSSED IN PCB.
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
9
9
10
10
11
11
12
12
13
13
14
14
15
15
16
16
17
17
18
18
19
19
A
A
B
B
C
C
D
D
E
E
F
F
G
G
H
H
J
J
K
K
L
L



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com