Electronic Components Datasheet Search
  English  ▼

X  

MBRD20150CT Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # MBRD20150CT
Description  MBRD20150CT SCHOTTKY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

MBRD20150CT Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  MBRD20150CT Datasheet HTML 1Page - SMC Diode Solutions Co. LTD MBRD20150CT Datasheet HTML 2Page - SMC Diode Solutions Co. LTD MBRD20150CT Datasheet HTML 3Page - SMC Diode Solutions Co. LTD MBRD20150CT Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data
Data Sheet N0050, Rev. A
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
MBRD20150CT
MBRD20150CT SCHOTTKY RECTIFIER
Characteristics
Symbol
Condition
Max.
Units
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
-
150
V
Average Rectified Forward Current
IF (AV)
50% duty cycle @TC =90°C,
rectangular wave form
10(peg leg)
A
20(peg device)
Peak One Cycle Non-Repetitive Surge
Current(peg leg)
IFSM
8.3 ms, half Sine pulse
120
A
Characteristics
Symbol
Condition
Typ.
Max.
Units
Forward Voltage Drop
(per leg) *
VF1
@ 10A, Pulse, TJ = 25 C
0.94
1.0
V
VF2
@ 10A, Pulse, TJ = 125 C
0.84
0.95
V
Reverse Current (per leg) *
IR1
@VR = rated VR, TJ = 25 C
0.001
1
mA
IR2
@VR = rated VR, TJ = 125 C
0.1
7.0
mA
Junction Capacitance(per leg)
CT
@VR = 5V, TC = 25 C, fSIG = 1MHz
100
200
pF
Series Inductance
(per leg)
LS
Measured lead to lead 5 mm from
package body
8.0
-
nH
Voltage Rate of Change
dv/dt
-
-
10,000
V/s
* Pulse width < 300 µs, duty cycle < 2%
Features
Circuit Diagram
Applications
Maximum Ratings:
Electrical Characteristics:
150℃ TJ operation
Center tap configuration
Low forward voltage drop
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
Switching power supply
Converters
Free-Wheeling diodes
Reverse battery protection
Battery charging
DPAK


Similar Part No. - MBRD20150CT

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
MBRD20150CT SMC-MBRD20150CT Datasheet
185Kb / 7P
SCHOTTKY RECTIFIER
logo
Jiangsu Changjiang Elec...
MBRD20150CT JIANGSU-MBRD20150CT Datasheet
1Mb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Jiangsu High diode Semi...
MBRD20150CT HDSEMI-MBRD20150CT Datasheet
2Mb / 3P
TO-252-2L Plastic-Encapsulate Diodes
logo
Inchange Semiconductor ...
MBRD20150CT ISC-MBRD20150CT Datasheet
237Kb / 2P
Schottky Barrier Rectifier
logo
Jiangsu High diode Semi...
MBRD20150CT-TO-252 HDSEMI-MBRD20150CT-TO-252 Datasheet
2Mb / 3P
TO-252-2L Plastic-Encapsulate Diodes
More results

Similar Description - MBRD20150CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com