Electronic Components Datasheet Search
  English  ▼

X  

2SD2137 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # 2SD2137
Description  TO-220-3L Plastic-Encapsulate Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

2SD2137 Datasheet(HTML) 2 Page - Nanjing International Group Co

  2SD2137 Datasheet HTML 1Page - Nanjing International Group Co 2SD2137 Datasheet HTML 2Page - Nanjing International Group Co 2SD2137 Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
V
V
V
100
100
V
1.8
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
ax
Max
M
Collector-base breakdown voltage
V(BR)CBO IC=0.1mA, IE=0
60
Collector-emitter breakdown voltage
V(BR)CEO IC=30mA, IB=0
60
Emitter-base breakdown voltage
V(BR)EBO
IE=0.1mA, IC=0
6
Collector cut-off current
ICBO
CB
V =60V, IE=0
μA
Emitter cut-off current
IEBO
EB
V =6V, IC=0
μA
hFE(1)
CE
V =4V, IC=1A
70
320
DC current gain
hFE(2)
CE
V =4V, IC=3A
10
Collector-emitter saturation voltage
VCE(sat)
C
I =3A, IB=375mA
1.2
Base-emitter voltage
VBE
CE
V =4V, IC=3A
V
Transition frequency
fT
CE
V =5V, IC=0
f=
.2A, 10MHz
30
MHz
Turn-on time
ton
0.3
μs
Storage time
tstg
2.5
μs
Switch time
Fall time
tf
VCC=50V,IC=1A, IB1=-IB2=0.1A
0.2
μs
CLASSIFICATION OF
hFE(1)
Rank
Q
P
O
Range
70-150
120-250
160-320
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com
2/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com