Electronic Components Datasheet Search
  English  ▼

X  

MC74ACT05 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74ACT05
Description  Hex Inverter with Open?묭rain Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74ACT05 Datasheet(HTML) 1 Page - ON Semiconductor

  MC74ACT05 Datasheet HTML 1Page - ON Semiconductor MC74ACT05 Datasheet HTML 2Page - ON Semiconductor MC74ACT05 Datasheet HTML 3Page - ON Semiconductor MC74ACT05 Datasheet HTML 4Page - ON Semiconductor MC74ACT05 Datasheet HTML 5Page - ON Semiconductor MC74ACT05 Datasheet HTML 6Page - ON Semiconductor MC74ACT05 Datasheet HTML 7Page - ON Semiconductor MC74ACT05 Datasheet HTML 8Page - ON Semiconductor MC74ACT05 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2006
October, 2006 − Rev. 8
1
Publication Order Number:
MC74AC05/D
MC74AC05, MC74ACT05
Hex Inverter with
Open−Drain Outputs
The MC74AC/ACT05 is identical in pinout to the LS05. The device
inputs are compatible with standard CMOS outputs; with pullup
resistors, they are compatible with TTL outputs.
Features
• Outputs Source/Sink 24 mA
• ′ACT05 Has TTL Compatible Inputs
• Pb−Free Packages are Available
GND
Figure 1. Pinout: 14-Lead Packages
13
14
12
11
10
9
8
2
13
4
56
7
VCC
A6
Y6
A5
Y5
A4
Y4
A1
Y1
A2
Y2
A3
Y3
Top View
Figure 2. Logic Diagram
Y*
2, 4, 6, 8, 10, 12
1, 3, 5, 9, 11, 13
A
PIN 14 = VCC
PIN 7 = GND
* DENOTES OPEN-DRAIN OUTPUTS
1
See general marking information in the device marking
section on page 6 of this data sheet.
DEVICE MARKING INFORMATION
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
TSSOP−14
DT SUFFIX
CASE 948G
1
SOEIAJ−14
M SUFFIX
CASE 965
SOIC−14
D SUFFIX
CASE 751A
1
1
PDIP−14
N SUFFIX
CASE 646
FUNCTION TABLE
Input A
L
H
Output Y
Z
L
NOTE: Z = High Impedance


Similar Part No. - MC74ACT05

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74ACT05 MOTOROLA-MC74ACT05 Datasheet
126Kb / 5P
HEX INVERTER WITH OPEN-DRAIN OUTPUTS
MC74ACT05D MOTOROLA-MC74ACT05D Datasheet
126Kb / 5P
HEX INVERTER WITH OPEN-DRAIN OUTPUTS
logo
ON Semiconductor
MC74ACT05DG ONSEMI-MC74ACT05DG Datasheet
87Kb / 7P
Hex Inverter with Open-Drain Outputs
January, 2015 ??Rev. 9
logo
Motorola, Inc
MC74ACT05DR2 MOTOROLA-MC74ACT05DR2 Datasheet
126Kb / 5P
HEX INVERTER WITH OPEN-DRAIN OUTPUTS
logo
ON Semiconductor
MC74ACT05DR2G ONSEMI-MC74ACT05DR2G Datasheet
87Kb / 7P
Hex Inverter with Open-Drain Outputs
January, 2015 ??Rev. 9
More results

Similar Description - MC74ACT05

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC05 NSC-54AC05 Datasheet
113Kb / 6P
Hex Inverter with Open Drain Outputs
logo
Texas Instruments
SN5405 TI-SN5405 Datasheet
547Kb / 18P
HEX INVERTER WITH OPEN-COLLECTOR OUTPUTS
logo
Fairchild Semiconductor
74AC05 FAIRCHILD-74AC05 Datasheet
33Kb / 4P
Hex Inverter with Open Drain Outputs
DM74S05 FAIRCHILD-DM74S05 Datasheet
47Kb / 4P
Hex Inverter with Open-Collector Outputs
logo
ON Semiconductor
MC74HC05A ONSEMI-MC74HC05A Datasheet
157Kb / 7P
Hex Inverter with Open Drain Outputs
November, 2009 ??Rev. 0
logo
NXP Semiconductors
74HC05 NXP-74HC05 Datasheet
90Kb / 13P
Hex inverter with open-drain outputs
Rev. 02-18 June 2009
logo
Fairchild Semiconductor
DM74ALS05AN FAIRCHILD-DM74ALS05AN Datasheet
52Kb / 4P
Hex Inverter with Open Collector Outputs
logo
ON Semiconductor
MC74HC05A ONSEMI-MC74HC05A_13 Datasheet
123Kb / 6P
Hex Inverter with Open Drain Outputs
May, 2013 ??Rev. 1
logo
Nexperia B.V. All right...
74LVC06A-Q100 NEXPERIA-74LVC06A-Q100 Datasheet
223Kb / 12P
Hex inverter with open-drain outputs
74LVC06A NEXPERIA-74LVC06A Datasheet
234Kb / 12P
Hex inverter with open-drain outputs
Rev. 7 - 4 August 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com