Electronic Components Datasheet Search
  English  ▼

X  

9331 Datasheet(PDF) 1 Page - Belden Inc.

Part # 9331
Description  High Perform Instr, 6 Pr #22 Str TC, PVC Ins E2, IS, PVC Jkt, PLTC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

9331 Datasheet(HTML) 1 Page - Belden Inc.

  9331 Datasheet HTML 1Page - Belden Inc. 9331 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 9331
High Perform Instr, 6 Pr #22 Str TC, PVC Ins E2, IS, PVC Jkt, PLTC
Product Description
High Performance Instrumentation, 6 Pair 22AWG (7x30) Tinned Copper, PVC Insulation E2 Color Code, Individual Beldfoil® Shield, PVC Outer Jacket, PLTC
Technical Specifications
Product Overview
Suitable Applications:
Instrumentation, Sensors, Valves, Positioners, 4-20mA, 0-10V
Construction Details
Conductor
Element No. of Elements
Size
Stranding
Material
Pair(s)
6
22 AWG 7x30
TC - Tinned Copper
Insulation
Element
Material
Nom. Thickness
Nom. Insulation Diameter
Color Code
Pair(s)
PVC - Polyvinyl Chloride 0.017 in (0.43 mm) 0.062 in (1.6 mm)
ICEA Chart E2
Inner Shield
Element Shield Type
Material
Coverage
Drainwire Type
Notes
Pair(s)
Tape
Bi-Laminate (Alum+Poly) 100%
22 AWG (7x30) TC each pair
Outer Jacket
Separator
Material
Nom. Thickness
Nom. Diameter
Ripcord
Cotton Serve PVC - Polyvinyl Chloride 0.053 in (1.3 mm) 0.457 in (11.6 mm) Yes
Overall Cable Diameter (Nominal):
0.457 in (11.6 mm)
Electrical Characteristics
Electricals
Element
Nom. Conductor
DCR
Nom. Inner Shield DCR
Nom. Capacitance Cond-to-Cond Nom. Capacitance Cond-to-Shield
Max. Current
Pair(s)
18.2 Ohm/1000ft
13.37 Ohm/1000ft (43.86 Ohm/km) 26 pF/ft (85 pF/m)
45 pF/ft (150 pF/m)
2.1 Amps per Conductor at 25ºC
Voltage
UL Voltage Rating
300 V (PLTC, CMG)
Mechanical Characteristics
Temperature
UL Temperature
Operating
105°C
-30°C to +105°C
Table Notes:
AWM 80°C
Bend Radius
Stationary Min. Installation Min.


Similar Part No. - 9331

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9331 ETC2-9331 Datasheet
1Mb / 22P
300V Power-Limited Tray Cables ??Overview
logo
Keystone Electronics Co...
9331 KEYSTONE-9331 Datasheet
130Kb / 1P
MACHINE SCREW PAN PHILLIPS 10-32
logo
Heyco.
9331 HEYCO-9331 Datasheet
105Kb / 1P
Countersunk Type H Rivets
logo
Belden Inc.
933100100 BELDEN-933100100 Datasheet
667Kb / 2P
N11R, M26 x 1.5 thread, Field Attachable, Male, Surface Mount, Metal housing, AC 25 V / DC 50 V, 5 A
06-29-2023
logo
Honeywell Solid State E...
933121 HONEYWELL-933121 Datasheet
163Kb / 1P
Head Protection
More results

Similar Description - 9331

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9407 BELDEN-9407 Datasheet
165Kb / 2P
High Perform Instr, 1 Pr #22 Str TC, PVC Ins E2, PVC Jkt, PLTC
04-14-2023
9513 BELDEN-9513 Datasheet
204Kb / 2P
High Perform Instr, 3 Pr #22 Str TC, PVC Ins E2, OS, PVC Jkt, PLTC
04-14-2023
9332 BELDEN-9332 Datasheet
177Kb / 2P
High Perform Instr, 9 Pr #22 Str TC, PVC Ins E2, IS, PVC Jkt, PLTC
12-16-2022
9516 BELDEN-9516 Datasheet
207Kb / 2P
High Perform Instr, 6 Pr #22 Str TC, PVC Ins E2, OS, PVC Jkt, PLTC
04-14-2023
9328 BELDEN-9328 Datasheet
155Kb / 2P
High Perform Instr, 2 Pr #22 Str TC, PVC Ins E2, IS, PVC Jkt, PLTC
04-14-2023
9330 BELDEN-9330 Datasheet
164Kb / 2P
High Perform Instr, 4 Pr #22 Str TC, PVC Ins E2, IS, PVC Jkt, PLTC
04-14-2023
9333 BELDEN-9333 Datasheet
204Kb / 2P
High Perform Instr, 11 Pr #22 Str TC, PVC Ins E2, IS, PVC Jkt, PLTC
12-16-2022
9335 BELDEN-9335 Datasheet
225Kb / 2P
High Perform Instr, 19 Pr #22 Str TC, PVC Ins E2, IS, PVC Jkt, PLTC
12-16-2022
9329 BELDEN-9329 Datasheet
166Kb / 2P
High Perform Instr, 3 Pr #22 Str TC, PVC Ins E2, IS, PVC Jkt, PLTC
04-14-2023
9389 BELDEN-9389 Datasheet
158Kb / 2P
High Perform Instr, 6 Pr #18 Str TC, PVC Ins E2, IS, PVC Jkt, PLTC
04-14-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com