Electronic Components Datasheet Search
  English  ▼

X  

MPS6521 Datasheet(PDF) 10 Page - ON Semiconductor

Part # MPS6521
Description  Amplifier Transistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPS6521 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button MPS6521 Datasheet HTML 3Page - ON Semiconductor MPS6521 Datasheet HTML 4Page - ON Semiconductor MPS6521 Datasheet HTML 5Page - ON Semiconductor MPS6521 Datasheet HTML 6Page - ON Semiconductor MPS6521 Datasheet HTML 7Page - ON Semiconductor MPS6521 Datasheet HTML 8Page - ON Semiconductor MPS6521 Datasheet HTML 9Page - ON Semiconductor MPS6521 Datasheet HTML 10Page - ON Semiconductor MPS6521 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MPS6521 (NPN)
MPS6523 (PNP)
http://onsemi.com
10
PNP
MPS6523
Figure 39. Thermal Response
t, TIME (ms)
1.0
0.01
0.01
0.02
0.03
0.05
0.07
0.1
0.2
0.3
0.5
0.7
0.02
0.05
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100 200
500 1.0k 2.0k
5.0k 10k 20k 50k 100k
D = 0.5
0.2
0.1
0.05
0.02
0.01
SINGLE PULSE
DUTY CYCLE, D = t1/t2
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1 (SEE AN569)
ZqJA(t) = r(t) w RqJA
TJ(pk) − TA = P(pk) ZqJA(t)
t1
t2
P(pk)
FIGURE 40
Figure 41.
TJ, JUNCTION TEMPERATURE (°C)
104
−4
0
Figure 42.
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
400
2.0
DESIGN NOTE: USE OF THERMAL RESPONSE DATA
A train of periodical power pulses can be
represented by the model as shown in Figure 40. Using
the model and the device thermal response the
normalized effective transient thermal resistance of
Figure 39 was calculated for various duty cycles.
To find ZqJA(t), multiply the value obtained from
Figure 39 by the steady state value RqJA.
Example:
The MPS6523 is dissipating 2.0 watts peak under the
following conditions:
t1 = 1.0 ms, t2 = 5.0 ms. (D = 0.2)
Using Figure 39 at a pulse width of 1.0 ms and D = 0.2,
the reading of r(t) is 0.22.
The peak rise in junction temperature is therefore
DT = r(t) x P(pk) x RqJA = 0.22 x 2.0 x 200 = 88°C.
For more information, see ON Semiconductor
Application Note AN569/D, available from the
Literature Distribution Center or on our website at
www.onsemi.com.
The safe operating area curves indicate IC−VCE
limits of the transistor that must be observed for
reliable operation. Collector load lines for specific
circuits must fall below the limits indicated by the
applicable curve.
The data of Figure 42 is based upon TJ(pk) = 150°C;
TC or TA is variable depending upon conditions. Pulse
curves are valid for duty cycles to 10% provided TJ(pk)
≤ 150°C. TJ(pk) may be calculated from the data in
Figure 39. At high case or ambient temperatures,
thermal limitations will reduce the power that can be
handled to values less than the limitations imposed by
second breakdown.
10−2
10−1
100
101
102
103
−2
0
0
+ 20 + 40 + 60 + 80 + 100 + 120 + 140 + 160
VCC = 30 Vdc
ICEO
ICBO
AND
ICEX @ VBE(off) = 3.0 Vdc
TA = 25°C
CURRENT LIMIT
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
1.0 ms
10 ms
TC = 25°C
1.0 s
dc
dc
4.0
6.0
10
20
40
60
100
200
4.0
6.0
8.0 10
20
40
TJ = 150°C
100 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com