Electronic Components Datasheet Search
  English  ▼

X  

M2950 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # M2950
Description  250 mA LOW-DROPOUT VOLTAGE REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M2950 Datasheet(HTML) 2 Page - Unisonic Technologies

  M2950 Datasheet HTML 1Page - Unisonic Technologies M2950 Datasheet HTML 2Page - Unisonic Technologies M2950 Datasheet HTML 3Page - Unisonic Technologies M2950 Datasheet HTML 4Page - Unisonic Technologies M2950 Datasheet HTML 5Page - Unisonic Technologies M2950 Datasheet HTML 6Page - Unisonic Technologies M2950 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
UTCM2950/2951
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
2
QW-R102-004,D
PIN CONFIGURATIONS
2
1
3
OUTPUT
GND
INPUT
UTC M2950
TO-92 Plastic Package
Bottom View
1
2
3
4
8
7
6
5
INPUT
FEEDBACK
5V TAP
SHUTDOWN
SENSE
OUTPUT
UTC
M2951
GND
ERROR
SOP-8 OR DIP-8 PACKAGE
FOR UTC M2951
1
2
3
4
8
7
6
5
INPUT
NC
NC
SHUTDOWN
NC
OUTPUT
UTC
M2950
GND
ERROR
SOP-8 OR DIP-8 PACKAGE
FOR UTC M2950
Fig.1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com