Electronic Components Datasheet Search
  English  ▼

X  

74ACT14 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 74ACT14
Description  Hex Inverter Schmitt Trigger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ACT14 Datasheet(HTML) 1 Page - ON Semiconductor

  74ACT14 Datasheet HTML 1Page - ON Semiconductor 74ACT14 Datasheet HTML 2Page - ON Semiconductor 74ACT14 Datasheet HTML 3Page - ON Semiconductor 74ACT14 Datasheet HTML 4Page - ON Semiconductor 74ACT14 Datasheet HTML 5Page - ON Semiconductor 74ACT14 Datasheet HTML 6Page - ON Semiconductor 74ACT14 Datasheet HTML 7Page - ON Semiconductor 74ACT14 Datasheet HTML 8Page - ON Semiconductor 74ACT14 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2006
October, 2006 − Rev. 7
1
Publication Order Number:
MC74AC14/D
MC74AC14, MC74ACT14
Hex Inverter Schmitt
Trigger
The MC74AC14/74ACT14 contains six logic inverters which
accept standard CMOS Input signals (TTL levels for MC74ACT14)
and provide standard CMOS output levels. They are capable of
transforming slowly changing input signals into sharply defined,
jitter−free output signals. In addition, they have a greater noise margin
then conventional inverters.
The MC74AC14/74ACT14 has hysteresis between the
positive−going and negative−going input thresholds (typically 1.0 V)
which is determined internally by transistor ratios and is essentially
insensitive to temperature and supply voltage variations.
Features
• Schmitt Trigger Inputs
• Outputs Source/Sink 24 mA
• ′ACT14 Has TTL Compatible Inputs
• Pb−Free Packages are Available
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
DC Supply Voltage (Referenced to GND)
VCC
−0.5 to +7.0
V
DC Input Voltage (Referenced to GND)
Vin
−0.5 to VCC +0.5
V
DC Output Voltage (Referenced to GND)
Vout
−0.5 to VCC +0.5
V
DC Input Current, per Pin
Iin
±20
mA
DC Output Sink/Source Current, per Pin
Iout
±50
mA
DC VCC or GND Current per Output Pin
ICC
±50
°C
Storage Temperature
Tstg
−65 to +150
mJ
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
SOEIAJ−14
SUFFIX M
CASE 965
http://onsemi.com
1
TSSOP−14
SUFFIX DT
CASE 948G
SOIC−14
SUFFIX D
CASE 751A
1
1
14
14
14
PDIP−14
SUFFIX N
CASE 646
1
14
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
See general marking information in the device marking
section on page 5 of this data sheet.
DEVICE MARKING INFORMATION
13
14
12
11
10
9
8
2
1
34567
GND
VCC
(Top View)
Figure 1. Pinout: 14−Lead Packages
Conductors
FUNCTION TABLE
Input
A
Output
O
L
H
H
L


Similar Part No. - 74ACT14

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT14 STMICROELECTRONICS-74ACT14 Datasheet
52Kb / 7P
HEX SCHMITT INVERTER
Mar-1999
logo
ON Semiconductor
74ACT14 ONSEMI-74ACT14 Datasheet
309Kb / 11P
Hex Inverter with Schmitt Trigger Input
February 2011 Rev. 1.7.2
logo
Silicon Supplies
74ACT14 SS-74ACT14 Datasheet
370Kb / 5P
Advanced CMOS TTL Input
logo
ON Semiconductor
74ACT14 ONSEMI-74ACT14 Datasheet
374Kb / 11P
Hex Inverter with Schmitt Trigger Input
December, 2021-Rev. 3
logo
STMicroelectronics
74ACT14B STMICROELECTRONICS-74ACT14B Datasheet
52Kb / 7P
HEX SCHMITT INVERTER
Mar-1999
More results

Similar Description - 74ACT14

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
Hitachi Semiconductor
HD74AC14 HITACHI-HD74AC14 Datasheet
44Kb / 8P
Hex Inverter Schmitt Trigger
logo
Texas Instruments
SN74AUC14 TI-SN74AUC14 Datasheet
185Kb / 8P
HEX SCHMITT-TRIGGER INVERTER
logo
Unisonic Technologies
U74AC14 UTC-U74AC14 Datasheet
133Kb / 5P
HEX SCHMITT-TRIGGER INVERTER
logo
Texas Instruments
SN74AHC14-EP TI1-SN74AHC14-EP Datasheet
555Kb / 12P
HEX SCHMITT-TRIGGER INVERTER
SN74AHCT14-EP TI1-SN74AHCT14-EP Datasheet
421Kb / 8P
HEX SCHMITT-TRIGGER INVERTER
logo
Fairchild Semiconductor
74F14SCX FAIRCHILD-74F14SCX Datasheet
68Kb / 5P
Hex Inverter Schmitt Trigger
logo
Texas Instruments
74ACT11014 TI1-74ACT11014 Datasheet
88Kb / 5P
HEX SCHMITT-TRIGGER INVERTER
CD74AC14 TI1-CD74AC14_14 Datasheet
594Kb / 12P
Hex Schmitt-trigger inverter
SN74ALVC14 TI1-SN74ALVC14_15 Datasheet
686Kb / 17P
HEX SCHMITT-TRIGGER INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com