Electronic Components Datasheet Search
  English  ▼

X  

TA7343AP Datasheet(PDF) 2 Page - Unisonic Technologies

Part # TA7343AP
Description  FM STEREO MULTIPLEX DECORDER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TA7343AP Datasheet(HTML) 2 Page - Unisonic Technologies

  TA7343AP Datasheet HTML 1Page - Unisonic Technologies TA7343AP Datasheet HTML 2Page - Unisonic Technologies TA7343AP Datasheet HTML 3Page - Unisonic Technologies TA7343AP Datasheet HTML 4Page - Unisonic Technologies TA7343AP Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UTCTA7343AP LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD. 2
QW-R110-004,A
ABSOLUTE MAXIMUN RATING(Ta=25°C)
PARAMETER
SYMBOL
RATING
UNIT
Supply Voltage
VCC
12
V
Lamp Voltage
VLAMP
16
V
Lamp Current (Continuous)
ILAMP
20
mA
Power Dissipation
PD
500
mW
Operating Temperature Range
TOPR
-20 - +70
°C
Storage Temperature Range
TSTG
-40 - +125
°C
ELECTRICAL CHARACTERISTICS(Ta=25°C,VCC=8V,f=1KHZ, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Quiescent Circuit
Current
ICCQ
Vi=0
11
18
mA
Maximum Input Voltage
Vi(max)
L+R=90%,P=10%, THD=1%
550
mV
Channel Separation
CS
L+R=180Mv, P=20mV
36
45
dB
Total Harmonic
Distortion (mono)
THD1
Vi=200mV
0.08
0.3
%
Total Harmonic
Distortion (Stereo)
THD2
L+R=1800mV, P=20mV
0.08
%
Voltage Gain
Gv
Vi=200mV
-2.0
0
+2.0
dB
Channel Balance
CB
Vi=200mV
0
1.5
dB
Lamp ON Level
VL(ON)
pilot only
9
15
mV
Lamp OFF Level
VL(OFF)
pilot only
2
6
mV
Lamp Hysteresis
HY
3
mV
Carrier Leakage
Vleak
19kHz, L+R=180mV
34
dB
38kHz, P=20mV
42
dB



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com