Electronic Components Datasheet Search
  English  ▼

X  

SL3522 Datasheet(PDF) 1 Page - Zarlink Semiconductor Inc

Part # SL3522
Description  500MHz 75dB Logarithmic/Limiting Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL3522 Datasheet(HTML) 1 Page - Zarlink Semiconductor Inc

  SL3522 Datasheet HTML 1Page - Zarlink Semiconductor Inc SL3522 Datasheet HTML 2Page - Zarlink Semiconductor Inc SL3522 Datasheet HTML 3Page - Zarlink Semiconductor Inc SL3522 Datasheet HTML 4Page - Zarlink Semiconductor Inc SL3522 Datasheet HTML 5Page - Zarlink Semiconductor Inc SL3522 Datasheet HTML 6Page - Zarlink Semiconductor Inc SL3522 Datasheet HTML 7Page - Zarlink Semiconductor Inc SL3522 Datasheet HTML 8Page - Zarlink Semiconductor Inc SL3522 Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
SL3522
500MHz 75dB Logarithmic/Limiting Amplifier
Advance Information
The SL3522 is a monolithic seven stage successive
detection logarithmic amplifier integrated circuit for use in the
100MHz to 500MHz frequency range. It features an on–chip
video amplifier with provision for external adjustment of log
Slope and offset. It also features a balanced RF output. The
SL3522 operates from supplies of
±5V.
FEATURES
s 75dB Dynamic Range
s Surface Mount SO Package
s Adjustable Log Slope and Offset
s 0dBm RF Limiting Output
s 60dBm Limiting Range
s 2V Video Output Range
s Low Power (Typ. 1W)
s Temperature Range (T
CASE): -55°C to +125°C
APPLICATIONS
s Ultra Wideband Log Receivers
s Channelised and Monpulse Radar
s Instrumentation
ABSOLUTE MAXIMUM RATINGS
Supply Voltage
±6.0V
Storage temperature
-65
°C to +175°C
Junction temperature
+175
°C
Thermal resistance
Die-to-case
15.5
°C/W
Die-to-ambient
76.5
°C/W
Applied DC voltage to RF input
±400mV
Applied RF power to RF input
+15dBm
MC28
Fig.1 Pin connections - top view
Fig.2 Functional block diagram
ORDERING INFORMATION
SL3522 A MC (Miniature Ceramic package)
SL3522 C MC (Miniature Ceramic package)
SL3522 NA 1C (Probe-tested bare die)
(Also available: SL3522 AA MC screened to Zarlink HI-REL
level A.
Contact Zarlink Semiconductor sales outlet for a
separate datasheet.)
ESD PROTECTION
To achieve the high frequency performance there are no
ESD protection structures on the RF input pins (27, 28). These
pins are highly static sensitive, typically measured as 250V
using MIL-STD-883 method 3015. Therefore, ESD handling
precautions are essential to avoid degradation of
performance or permanent damage to this device.
Supersedes edition in Professional Products IC Handbook May 1991
DS3534 - 2.0 April 1994
N/C
N/C
VEE
GND
VEE
GND
VEE
RF O/P GND
RF O/P–
RF O/P+
RF O/P VEE
VIDEO O/P VEE
VIDEO O/P
VIDEO O/P VCC
RF I/P+
RF I/P–
VEE
GND
VEE
GND
VEE
GND
VIDEO VEE
GAIN ADJUST
TRIM REF
OFFSET ADJ
VIDEO GND
VIDEO VCC
128
2
3
4
5
6
7
8
9
10
11
12
13
14
27
26
25
24
23
22
21
20
19
18
17
16
15
RF
I/P +
RF
I/P –
27
28
910
14
VIDEO GAIN
AND OFFSET
ADJUST
19
18
17
GAIN
ADJ
RG
RT
RO
OFFSET
ADJ
12
13
16
O/P
GND
VIDEO
OUT
O/P
VEE
RF
O/P–
RF
O/P+
O/P
VCC
3, 5, 7, 20, 22, 24, 26 VEE
4, 6, 8, 21, 23, 25 GND
VIDEO
VCC
15


Similar Part No. - SL3522

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SL3522 MITEL-SL3522 Datasheet
830Kb / 19P
500MHz 75dB Logarithmic/Limiting Amplifier
SL3522AMC MITEL-SL3522AMC Datasheet
830Kb / 19P
500MHz 75dB Logarithmic/Limiting Amplifier
SL3522CMC MITEL-SL3522CMC Datasheet
830Kb / 19P
500MHz 75dB Logarithmic/Limiting Amplifier
SL3522NA1C MITEL-SL3522NA1C Datasheet
830Kb / 19P
500MHz 75dB Logarithmic/Limiting Amplifier
More results

Similar Description - SL3522

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2015 MAXIM-MAX2015 Datasheet
628Kb / 10P
0.1GHz to 2.5GHz, 75dB Logarithmic Detector/Controller
19-2998; Rev 1; 12/03
logo
Mitel Networks Corporat...
SL3522 MITEL-SL3522 Datasheet
830Kb / 19P
500MHz 75dB Logarithmic/Limiting Amplifier
logo
Burr-Brown (TI)
4127 BURR-BROWN-4127 Datasheet
510Kb / 8P
LOGARITHMIC AMPLIFIER
logo
Maxim Integrated Produc...
MAX2014 MAXIM-MAX2014 Datasheet
277Kb / 10P
50MHz to 1000MHz, 75dB Logarithmic Detector/Controller
Rev 0; 6/06
MAX2015 MAXIM-MAX2015_07 Datasheet
587Kb / 13P
0.1GHz to 3GHz, 75dB Logarithmic Detector/Controller
Rev 2; 2/07
logo
Texas Instruments
TL441AM TI-TL441AM_06 Datasheet
246Kb / 15P
LOGARITHMIC AMPLIFIER
logo
Maxim Integrated Produc...
MAX2014_V1 MAXIM-MAX2014_V1 Datasheet
304Kb / 12P
50MHz to 1000MHz, 75dB Logarithmic Detector/Controller
Rev 1; 2/12
logo
Texas Instruments
TL441CN TI-TL441CN Datasheet
563Kb / 20P
LOGARITHMIC AMPLIFIER
logo
Analog Devices
AD8306ARZ AD-AD8306ARZ Datasheet
401Kb / 16P
Limiting-Logarithmic Amplifier
REV. A
logo
List of Unclassifed Man...
PS13201 ETC2-PS13201 Datasheet
1Mb / 22P
500MHz 75dB Logarithmic/Limiting Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com