Electronic Components Datasheet Search
  English  ▼

X  

SL3522AMC Datasheet(PDF) 10 Page - Zarlink Semiconductor Inc

Part # SL3522AMC
Description  500MHz 75dB Logarithmic/Limiting Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL3522AMC Datasheet(HTML) 10 Page - Zarlink Semiconductor Inc

Back Button SL3522AMC Datasheet HTML 6Page - Zarlink Semiconductor Inc SL3522AMC Datasheet HTML 7Page - Zarlink Semiconductor Inc SL3522AMC Datasheet HTML 8Page - Zarlink Semiconductor Inc SL3522AMC Datasheet HTML 9Page - Zarlink Semiconductor Inc SL3522AMC Datasheet HTML 10Page - Zarlink Semiconductor Inc SL3522AMC Datasheet HTML 11Page - Zarlink Semiconductor Inc SL3522AMC Datasheet HTML 12Page - Zarlink Semiconductor Inc SL3522AMC Datasheet HTML 13Page - Zarlink Semiconductor Inc SL3522AMC Datasheet HTML 14Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
10
SL3522
Fig.12 Video O/P vs CW input level at 325MHz across temperature (V
CC = +5.0V, VEE = -5.0V)
10
2
1.75
1.5
1.25
1
0.75
0.5
0.25
0
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
RF input power (dBm)
Fig.13 Video O/P log-error, (referenced to single straight line measured at 325MHz, +25
°C, 5.0V PSUs) across temperature
RF input power (dBm)
8
10
6
4
2
0
–2
–4
–70
–60
–50
–40
–30
–20
–10
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com