Electronic Components Datasheet Search
  English  ▼

X  

BU508AFI Datasheet(PDF) 1 Page - Unisonic Technologies

Part # BU508AFI
Description  SILICON DIFFUSED POWER TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BU508AFI Datasheet(HTML) 1 Page - Unisonic Technologies

  BU508AFI Datasheet HTML 1Page - Unisonic Technologies BU508AFI Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UTCBU508AFI
NPN EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
1
QW-R214-001,A
SILICON DIFFUSED POWER
TRANSISTOR
DESCRIPTION
The UTC BU508AFI is high voltage, high speed switching
NPN transistors in a plastic envelope, primarily for use in
horizontal deflection circuites of colour television receivers.
Features
* TV color horizontal deflection.
* With TO-3PML fully isolated package.
Absolute Maximum Rating Tc=25
°C
PARAMETER
SYMBOL
VALUE
UNIT
Collector-base voltage(VBE=0)
VCBO
1500
V
Collector-emitter voltage(IB=0)
VCEO
700
V
Emitter-base Voltage(IC=0)
VEBO
10
V
Collector peak current
Icp
15
A
Collector current
Ic
8
A
Collector power dissipation
Pc
60
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-65~150
°C
ELECTRICAL CHARACTERISTICS Tc=25
°C
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
MAX
UNIT
Collector-base cut off current
ICBO
VcE=1500V, VBE=0
2.0
mA
Emitter-base cut off current
IEBO
VEB=5V, IC=0
100
uA
Collector-emitter Sustaining voltage
VCEO(sus)
IC=100mA, IB=0
700
V
Emitter-base breakdown voltage
VEBO
IE=10mA, IC=0
10
V
Collector-emitter saturation voltage
VCE(SAT)
IC=4.5A, IB=2A
1.0
V
Base-emitter saturation voltage
VBE(SAT)
IC=4.5A, IB=2A
1.3
V
Base current peak value
HFE
IC=100mA, VCE=5V
6
30
TO-3PML
1.
BASE
2.
COLLECTOR
3.
EMITTER
1
2
3


Similar Part No. - BU508AFI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BU508AFI STMICROELECTRONICS-BU508AFI Datasheet
78Kb / 8P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
Nov-1999
BU508AFI STMICROELECTRONICS-BU508AFI Datasheet
240Kb / 8P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
Apr-2002
logo
Savantic, Inc.
BU508AFI SAVANTIC-BU508AFI Datasheet
149Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
BU508AFI ISC-BU508AFI Datasheet
131Kb / 3P
Silicon NPN Power Transistors
logo
Savantic, Inc.
BU508AFI SAVANTIC-BU508AFI Datasheet
150Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - BU508AFI

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BU1706A PHILIPS-BU1706A Datasheet
76Kb / 7P
Silicon Diffused Power Transistor
September 1997 Rev 1.000
BU1706AB PHILIPS-BU1706AB Datasheet
83Kb / 7P
Silicon Diffused Power Transistor
February 1998 Rev 1.000
BU2506DF PHILIPS-BU2506DF Datasheet
66Kb / 7P
Silicon Diffused Power Transistor
September 1997 Rev 1.400
BU2507AX PHILIPS-BU2507AX Datasheet
55Kb / 6P
Silicon Diffused Power Transistor
eptember 1997 Rev 1.100
logo
Wing Shing Computer Com...
2SD1577 WINGS-2SD1577 Datasheet
138Kb / 1P
Silicon Diffused Power Transistor
S2005A WINGS-S2005A Datasheet
95Kb / 1P
SILICON DIFFUSED POWER TRANSISTOR
logo
NXP Semiconductors
BU2508DF PHILIPS-BU2508DF Datasheet
71Kb / 7P
Silicon Diffused Power Transistor
July 1998-Rev 1.600
BUJ100B PHILIPS-BUJ100B Datasheet
65Kb / 8P
Silicon Diffused Power Transistor
May 2001-Rev 1.000
BUJ105AD NXP-BUJ105AD Datasheet
88Kb / 12P
Silicon diffused power transistor
Rev. 01-14 December 2004
BUJ403A127 NXP-BUJ403A127 Datasheet
125Kb / 9P
Silicon Diffused Power Transistor
December 1998
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com