Electronic Components Datasheet Search
  English  ▼

X  

STAC4932B Datasheet(PDF) 4 Page - STMicroelectronics

Part # STAC4932B
Description  HF/VHF/UHF RF power N-channel MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAC4932B Datasheet(HTML) 4 Page - STMicroelectronics

  STAC4932B_V01 Datasheet HTML 1Page - STMicroelectronics STAC4932B_V01 Datasheet HTML 2Page - STMicroelectronics STAC4932B_V01 Datasheet HTML 3Page - STMicroelectronics STAC4932B_V01 Datasheet HTML 4Page - STMicroelectronics STAC4932B_V01 Datasheet HTML 5Page - STMicroelectronics STAC4932B_V01 Datasheet HTML 6Page - STMicroelectronics STAC4932B_V01 Datasheet HTML 7Page - STMicroelectronics STAC4932B_V01 Datasheet HTML 8Page - STMicroelectronics STAC4932B_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
3
Impedance
Figure 1. Current conventions
Typical input
impedance
Typical load
impedance
ZDL
D
S
ZIN
G
Table 6. Impedance data
Freq. (MHz)
Z IN(Ω)
Z DL(Ω)
123 MHz (pulsed)
1.3 - j 2.8
7.7 - j 9.4
Note:
Measured gate-to-gate and drain-to-drain, respectively (balanced configuration).
STAC4932B
Impedance
DS6724 - Rev 8
page 4/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com