Electronic Components Datasheet Search
  English  ▼

X  

STL90N10F7 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STL90N10F7
Description  N-channel 100 V, 7 mΩ typ., 70 A STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL90N10F7 Datasheet(HTML) 4 Page - STMicroelectronics

  STL90N10F7 Datasheet HTML 1Page - STMicroelectronics STL90N10F7 Datasheet HTML 2Page - STMicroelectronics STL90N10F7 Datasheet HTML 3Page - STMicroelectronics STL90N10F7 Datasheet HTML 4Page - STMicroelectronics STL90N10F7 Datasheet HTML 5Page - STMicroelectronics STL90N10F7 Datasheet HTML 6Page - STMicroelectronics STL90N10F7 Datasheet HTML 7Page - STMicroelectronics STL90N10F7 Datasheet HTML 8Page - STMicroelectronics STL90N10F7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
2.1
Electrical characteristics (curves)
Figure 1. Safe operating area
GIPG170320151415ALS
10 2
10 1
10 0
10 -1
10 0
10 1
10 2
I D
(A)
V DS (V)
1 μs
10 μs
100 μs
1 ms
T j = 175 °C
T c = 25 °C
single pulse
Figure 2. Thermal impedance
GIPG170320151230ALS
10 -1
10 -2
10 -5
10 -4
10 -3
10 -2
10 -1
K
t p (s)
δ = 0.5
δ = 0.2
δ = 0.1
δ = 0.05
δ = 0.02
δ = 0.01
single pulse
c
Figure 3. Output characteristics
ID
(A)
250
150
50
0
0
2
VDS(V)
4
6
5V
6V
VGS=10V
100
200
300
7V
8V
9V
8
AM18089v1
Figure 4. Transfer characteristics
ID
300
200
100
0
4
8
(A)
2
10
50
150
250
VDS=9V
6
AM18090v1
VGS(V)
Figure 5. Gate charge vs gate-source voltage
VGS
6
4
2
0
0
20
Qg(nC)
(V)
8
30
40
10
VDD=50V
ID=16A
12
10
50
AM18091v1
Figure 6. Static drain-source on-resistance
RDS(on)
6.80
6.40
6.00
0
10
ID(A)
(mΩ)
5
15
7.20
VGS=10V
20
7.60
AM18092v1
STL90N10F7
Electrical characteristics (curves)
DS9621 - Rev 7
page 4/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com