Electronic Components Datasheet Search
  English  ▼

X  

STWA40N60M2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STWA40N60M2
Description  N-channel 600 V, 78 mΩ typ., 34 A MDmesh M2 Power MOSFET in a TO-247 long leads package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWA40N60M2 Datasheet(HTML) 1 Page - STMicroelectronics

  STWA40N60M2 Datasheet HTML 1Page - STMicroelectronics STWA40N60M2 Datasheet HTML 2Page - STMicroelectronics STWA40N60M2 Datasheet HTML 3Page - STMicroelectronics STWA40N60M2 Datasheet HTML 4Page - STMicroelectronics STWA40N60M2 Datasheet HTML 5Page - STMicroelectronics STWA40N60M2 Datasheet HTML 6Page - STMicroelectronics STWA40N60M2 Datasheet HTML 7Page - STMicroelectronics STWA40N60M2 Datasheet HTML 8Page - STMicroelectronics STWA40N60M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
D(2, TAB)
G(1)
S(3)
AM01476v1_tab
Features
Order code
VDS
RDS(on) max.
ID
STWA40N60M2
600 V
88 mΩ
34 A
•
Extremely low gate charge
•
Excellent output capacitance (Coss) profile
•
100% avalanche tested
•
Zener-protected
Applications
•
Switching applications
•
LLC resonant converters
Description
This device is an N-channel Power MOSFET developed using MDmesh M2
technology. Thanks to its strip layout and an improved vertical structure, the device
exhibits low on-resistance and optimized switching characteristics, rendering it
suitable for the most demanding high efficiency converters.
Product status link
STWA40N60M2
Product summary
Order code
STWA40N60M2
Marking
40N60M2
Package
TO-247 long leads
Packing
Tube
N-channel 600 V, 78 mΩ typ., 34 A MDmesh M2 Power MOSFET
in a TO-247 long leads package
STWA40N60M2
Datasheet
DS11877 - Rev 2 - October 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STWA40N60M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STWA40N90K5 STMICROELECTRONICS-STWA40N90K5 Datasheet
779Kb / 14P
N-channel 900 V, 0.088 Ω typ., 40 A MDmesh™ K5 Power MOSFETs in TO-247 and TO-247 long leads packages
25-Nov-2016
STWA40N95DK5 STMICROELECTRONICS-STWA40N95DK5 Datasheet
774Kb / 14P
N-channel 950 V, 0.120 Ω typ., 38 A, MDmesh™ DK5 Power MOSFETs in TO-247 and TO-247 long leads packages
December 2016 Rev 4
STWA40N95K5 STMICROELECTRONICS-STWA40N95K5 Datasheet
740Kb / 13P
N-channel 950 V, 0.110 Ω typ., 38 A MDmesh™ K5 Power MOSFET in a TO-247 long leads package
05-Aug-2015
More results

Similar Description - STWA40N60M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW43N60DM2 STMICROELECTRONICS-STW43N60DM2 Datasheet
405Kb / 12P
N-channel 600 V, 0.085 Ω typ., 34 A MDmesh™ DM2 Power MOSFET in a TO-247 package
July 2015 Rev 2
STWA40N95K5 STMICROELECTRONICS-STWA40N95K5 Datasheet
740Kb / 13P
N-channel 950 V, 0.110 Ω typ., 38 A MDmesh™ K5 Power MOSFET in a TO-247 long leads package
05-Aug-2015
STWA48N60DM2 STMICROELECTRONICS-STWA48N60DM2 Datasheet
728Kb / 12P
N-channel 600 V, 0.065 Ω typ., 40 A MDmesh™ DM2 Power MOSFET in a TO-247 long leads package
December 2016
STWA46N65DM6AG STMICROELECTRONICS-STWA46N65DM6AG Datasheet
260Kb / 12P
Automotive-grade N-channel 650 V, 55 mΩ typ., 50 A MDmesh DM6 Power MOSFET in a TO-247 long leads package
04-Aug-2021
STW40N60M2-4 STMICROELECTRONICS-STW40N60M2-4 Datasheet
293Kb / 12P
N-channel 600 V, 78 m typ., 34 A MDmesh M2 Power MOSFET in a TO247-4 package
10-Dec-2020
STWA67N60DM6 STMICROELECTRONICS-STWA67N60DM6 Datasheet
274Kb / 12P
N-channel 600 V, 45 m typ., 58 A MDmesh DM6 Power MOSFET in a TO‑247 long leads package
04-Jun-2021
STWA67N60M6 STMICROELECTRONICS-STWA67N60M6 Datasheet
1Mb / 12P
N-channel 600 V, 45 m typ., 52 A MDmesh M6 Power MOSFET in a TO-247 long leads package
18-Dec-2019
STW48N60M6 STMICROELECTRONICS-STW48N60M6 Datasheet
465Kb / 13P
N-channel 600 V, 61 mΩ typ., 39 A, MDmesh™ M6 Power MOSFET in a TO‑247 package
25-Oct-2018
STW68N60M6 STMICROELECTRONICS-STW68N60M6 Datasheet
474Kb / 13P
N-channel 600 V, 35 mΩ typ., 63 A MDmesh™ M6 Power MOSFET in a TO-247 package
05-Nov-2018
STW75N60M6 STMICROELECTRONICS-STW75N60M6 Datasheet
539Kb / 13P
N-channel 600 V, 32 mΩ typ., 72 A, MDmesh™ M6 Power MOSFET in a TO‑247 package
22-Nov-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com