Electronic Components Datasheet Search
  English  ▼

X  

BC307 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # BC307
Description  TO-92 Plastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

BC307 Datasheet(HTML) 2 Page - Nanjing International Group Co

  BC307 Datasheet HTML 1Page - Nanjing International Group Co BC307 Datasheet HTML 2Page - Nanjing International Group Co BC307 Datasheet HTML 3Page - Nanjing International Group Co BC307 Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
(/(&75,&$/&+$5$&7(5,67,&6
a
T =25
unless otherwise specified
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=-10μA, IE=0
BC307
BC308/309
-50
-30
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=-2mA, IB=0
BC307
BC308/309
-45
-25
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-10μA, IC=0
-5
V
Collector cut-off current
ICBO
VCB=-45V,IE=0
BC307
VCB=-25V,IE=0
BC308/309
-15
nA
Emitter cut-off current
IEBO
VEB=-5V, IC=0
-15
nA
DC current gain
hFE
VCE=-5V, IC=-2mA
120
800
IC=-10mA, IB=-0.5mA
-0.3
V
Collector-emitter saturation voltage
VCE(sat)
IC=-100mA, IB=-5mA
-0.6
V
IC=-10mA, IB=-0.5mA
-0.75
V
Base-emitter saturation voltage
VBE(sat)
IC=-100mA, IB=-5mA
-1
V
Base-emitter voltage
VBE
VCE=-5V, IC=-2mA
-0.55
-0.75
V
Transition frequency
fT
VCE=-5V, IC=-10mA, f=50MHz
130
MHz
Collector output capacitance
Cob
VCB=-10V, IE=0, f=1MHz
6
pF
Noise figure
NF
VCE=-5V, IC=-0.2mA ,
f=1KHz, RG=2KΩ
BC307/BC308
BC309
VCE=-5V, IC=-0.2mA ,
f=30-15KHz, RG=2KΩ
BC309
10
4
4
dB
CLASSIFICATION OF hFE
Rank
A
B
C
Range
120-220
180-460
380-800
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com