Electronic Components Datasheet Search
  English  ▼

X  

IMX17 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # IMX17
Description  GENERAL PURPOSE DUAL TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

IMX17 Datasheet(HTML) 2 Page - Unisonic Technologies

  IMX17 Datasheet HTML 1Page - Unisonic Technologies IMX17 Datasheet HTML 2Page - Unisonic Technologies IMX17 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UTC IMX17
DUAL TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO., LTD. 2
QW-R215-001,B
The following characteristics apply to both Tr1 and Tr2.
ABSOLUTE MAXIMUM RATINGS (Ta=25°C, unless otherwise specified.)
PARAMETER
SYMBOL
RATING
UNIT
Collector-base voltage
VCBO
60
V
Collector-emitter voltage
VCEO
50
V
Emitter-base voltage
VEBO
5
V
Collector current
Ic
500
mA
Collector dissipation
Pd
300 (TOTAL)
mW (note)
Junction Temperature
Tj
150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: 200mW per element must not be exceeded.
ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
BVCBO
Ic=100
µA
60
V
Collector-emitter breakdown voltage
BVCEO
Ic=1mA
50
V
Emitter-base breakdown voltage
BVEBO
IE=100
µA
5
V
Collector cutoff current
ICBO
VCB=30V
0.1
µA
Emitter cutoff current
IEBO
VEB=4V
0.1
µA
Collector-emitter saturation voltage
VCE(sat)
Ic=500mA, IB=50mA
0.6
V
DC current gain
hFE
VCE=3V,Ic=100mA (note)
120
390
Transition frequency
fT
VCE=5V, IE=-20mA, f=100MHz
250
MHz
Output capacitance
Cob
VCE=10V, IE=0A, f=1MHz
7
pF
Note: Measured using pulse current.
CLASSIFICATION OF hFE
RANK
A
B
RANGE
120-240
240-390
ELECTRICAL CHARACTERISTIC CURVES



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com