Electronic Components Datasheet Search
  English  ▼

X  

M28S Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # M28S
Description  TO-92 Plastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

M28S Datasheet(HTML) 1 Page - Nanjing International Group Co

  M28S Datasheet HTML 1Page - Nanjing International Group Co M28S Datasheet HTML 2Page - Nanjing International Group Co M28S Datasheet HTML 3Page - Nanjing International Group Co M28S Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TO – 92
1.EMITTER
2.COLLECTOR
3.BASE
M28S
TRANSISTOR (NPN)
FEATURES
z High DC Current Gain and Large Current Capability
0$;,0805$7,1*6 7D 
XQOHVVRWKHUZLVHQRWHG
6\PERO
3DUDPHWHU
9DOXH
8QLW
9&%2
Collector-Base Voltage
40
V
9&(2
Collector-Emitter Voltage
20
V
9(%2
Emitter-Base Voltage
6
V
,&
Collector Current -Continuous
1
A
3'
Collector Power Dissipation
625
mW
TJ,7VWJ
Operation Junction and Storage Temperature Range
-55
a
5 -$
ٞ Thermal Resistance ɍrom Junction Wo
ٞ
Ambient
ٞٞٞٞٞٞٞٞٞٞٞٞٞٞٞٞٞٞٞٞٞٞٞٞٞٞٞٞٞٞٞٞٞٞٞٞٞٞٞٞٞٞٞٞٞٞٞٞٞٞٞٞٞٞٞٞٞٞ
/
W
25'(5,1*,1)250$7,21ٞ
3DUW1XPEHU
3DFNDJH
3DFNLQJ0HWKRG
3DFN4XDQWLW\
ٞ
TO
06
067$
200
Equivalent Circuit
0$5.,1*
1
;;;
= 5DQNRIKFE
;;; &RGH
=
M28S
06 'HYLFHFRGHٞ
TO-92
Bulk
1000pcs/Bag
Tape
2000pcs/Box
DONGGUAN NANJING ELECTRONICS LTD.,
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com
1/4


Similar Part No. - M28S

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
M28S UTC-M28S Datasheet
86Kb / 2P
AUDIO OUTPUT DRIVER AMPLIFIER
logo
Galaxy Semi-Conductor H...
M28S BILIN-M28S Datasheet
161Kb / 3P
NPN Silicon Epitaxial Planar Transistor
logo
Dc Components
M28S DCCOM-M28S Datasheet
213Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
M28S HTSEMI-M28S Datasheet
304Kb / 1P
TRANSISTOR(NPN)
logo
SeCoS Halbleitertechnol...
M28S SECOS-M28S Datasheet
59Kb / 1P
1A , 40V NPN Plastic Encapsulated Transistor
More results

Similar Description - M28S

ManufacturerPart #DatasheetDescription
logo
Avic Technology
AV42 AVICTEK-AV42 Datasheet
148Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Daya Electric Group Co....
8550 DAYA-8550 Datasheet
680Kb / 1P
TO-92 Plastic-Encapsulate Transistors
79L15 DAYA-79L15 Datasheet
782Kb / 1P
TO-92 Plastic-Encapsulate Transistors
9013 DAYA-9013 Datasheet
651Kb / 1P
TO-92 Plastic-Encapsulate Transistors
2SA733 DAYA-2SA733 Datasheet
798Kb / 1P
TO-92 Plastic-Encapsulate Transistors
79L05 DAYA-79L05 Datasheet
778Kb / 1P
TO-92 Plastic-Encapsulate Transistors
MPSA13 DAYA-MPSA13 Datasheet
590Kb / 1P
TO-92 Plastic-Encapsulate Transistors
2SD1616A DAYA-2SD1616A Datasheet
149Kb / 2P
TO-92 Plastic-Encapsulate Transistors
A92 DAYA-A92 Datasheet
211Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
TO-92 Plastic-Encapsulate Transistors (TO-92)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com