Electronic Components Datasheet Search
  English  ▼

X  

IMZ88 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # IMZ88
Description  GENERAL PURPOSE DUAL TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

IMZ88 Datasheet(HTML) 2 Page - Unisonic Technologies

  IMZ88 Datasheet HTML 1Page - Unisonic Technologies IMZ88 Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UTC IMZ88
DUAL TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO., LTD. 2
QW-R215-005,A
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
hFE3
VCE=-1V,Ic=-500mA
40
Collector-emitter saturation voltage
VCE(sat)
Ic=-500mA,IB=-50mA
-0.5
V
Base-emitter saturation voltage
VBE(sat)
Ic=500mA,IB=-50mA
-1.2
V
Base-emitter saturation voltage
VBE
VCE=-1V,Ic=-10mA
-1.0
V
Current gain bandwidth product
fT
VCE=-10V,Ic=-50mA
100
MHz
Output capacitance
Cob
VCB=10V,IE=0,f=1MHz
9.0
pF
Tr2
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-Base Breakdown Voltage
BVCBO
Ic=100
µA,IE=0
30
V
Collector-Emitter Breakdown Voltage
BVCEO
Ic=1mA,IB=0
20
V
Emitter-Base Breakdown Voltage
BVEBO
IE=100
µA,Ic=0
5
V
Collector Cut-Off Current
ICBO
VCB=30V,IE=0
1
uA
Emitter Cut-Off Current
IEBO
VEB=5V,Ic=0
100
nA
hFE1
VCE=1V,Ic=1mA
100
hFE2
VCE=1V,Ic=150mA
120
110
400
DC Current Gain
hFE3
VCE=1V,Ic=500mA
40
Collector-Emitter Saturation Voltage
VCE(sat)
Ic=500mA,IB=50mA
0.5
V
Base-Emitter Saturation Voltage
VBE(sat)
Ic=500mA,IB=50mA
1.2
V
Base-Emitter Saturation Voltage
VBE
VCE=1V,Ic=10mA
1.0
V
Current Gain Bandwidth Product
fT
VCE=10V,Ic=50mA
100
MHz
Output Capacitance
Cob
VCB=10V,IE=0,f=1MHz
9.0
pF
CLASSIFICATION OF hFE2
RANK
C
D
E
RANGE
120-200
160-300
280-400
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com