Electronic Components Datasheet Search
  English  ▼

X  

OLS049 Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # OLS049
Description  Radiation-Tolerant, Phototransistor Hermetic Surface-Mount Optocoupler
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

OLS049 Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  OLS049 Datasheet HTML 1Page - Skyworks Solutions Inc. OLS049 Datasheet HTML 2Page - Skyworks Solutions Inc. OLS049 Datasheet HTML 3Page - Skyworks Solutions Inc. OLS049 Datasheet HTML 4Page - Skyworks Solutions Inc. OLS049 Datasheet HTML 5Page - Skyworks Solutions Inc. OLS049 Datasheet HTML 6Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DATA SHEET • OLS049: RADIATION-TOLERANT, PHOTOTRANSISTOR HERMETIC SURFACE-MOUNT OPTOCOUPLER
Phone [408] 946-1968 • Fax [408] 946-1960 • hirel.sales@skyworksinc.com • www.skyworksinc.com
202469E • Isolink Proprietary Information • Products and Product Information are Subject to Change Without Notice • June 1, 2017
Table 1. OLS049 Absolute Maximum Ratings1
Parameter
Symbol
Minimum
Maximum
Units
Coupled
Input to output isolation voltage2
VDC
–1000
+1000
V
Storage temperature range
TSTG
–65
+150
C
Operating temperature range
TA
–55
+125
C
Soldering temperature (heated collet, 5 seconds)
260
C
Soldering temperature (vapor phase reflow, 30 seconds)
215
C
Input Diode
Average input current
IDD
40
mA
Peak forward current (≤1 ms duration)
IF
1
A
Reverse voltage
VR
2
V
Power dissipation3
PD
60
mW
Output Detector
Collector to emitter voltage
VCE
60
V
Emitter to collector voltage
VEC
5
V
Continuous collector current
ICC
50
mA
Power dissipation4
PD
300
mW
1 Exposure to maximum rating conditions for extended periods may reduce device reliability. There is no damage to device with only one parameter set at the limit and all other parameters
set at or below their nominal value. Exceeding any of the limits listed here may result in permanent damage to the device.
2 Measured between pins 1 and 4 shorted together, and pins 2 and 3 shorted together. TA = 25 °C and duration = 1 s.
3 Derate linearly at 1 mW/°C above 65 °C.
4 Derate linearly at 3 mW/°C above 25 °C.
ESD HANDLING: Although this device is designed to be as robust as possible, electrostatic discharge (ESD) can damage this device.
This device must be protected at all times from ESD when handling or transporting. Static charges may easily produce
potentials of several kilovolts on the human body or equipment, which can discharge without detection.
Industry-standard ESD handling precautions should be used at all times.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com