Electronic Components Datasheet Search
  English  ▼

X  

OLS249 Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # OLS249
Description  Radiation-Tolerant Phototransistor Hermetic Surface-Mount Optocoupler
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

OLS249 Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  OLS249 Datasheet HTML 1Page - Skyworks Solutions Inc. OLS249 Datasheet HTML 2Page - Skyworks Solutions Inc. OLS249 Datasheet HTML 3Page - Skyworks Solutions Inc. OLS249 Datasheet HTML 4Page - Skyworks Solutions Inc. OLS249 Datasheet HTML 5Page - Skyworks Solutions Inc. OLS249 Datasheet HTML 6Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DATA SHEET • OLS249: RADIATION-TOLERANT PHOTOTRANSISTOR HERMETIC SURFACE-MOUNT OPTOCOUPLER
Phone [408] 946-1968 • Fax [408] 946-1960 • hirel.sales@skyworksinc.com • www.skyworksinc.com
2
April 13, 2017 • Isolink Proprietary Information • Products and Product Information are Subject to Change Without Notice • 202682E
Table 1. OLS249 Absolute Maximum Ratings1
Parameter
Symbol
Minimum
Maximum
Units
Coupled
Input to output isolation voltage2
VDC
–1500
+1500
V
Storage temperature range
TSTG
–65
+150
C
Operating temperature range
TA
–55
+125
C
Mounting temperature range (10 seconds maximum)
TMTG
+240
C
Input Diode
Average input current3
IDD
40
mA
Peak forward current4
IF
1
A
Reverse voltage
VR
2
V
Output Detector
Collector to emitter voltage
VCE
40
V
Emitter to base voltage
VEB
7
V
Collector to base voltage
VCB
45
V
Continuous collector current
ICC
50
mA
Power dissipation5
PD
300
mW
1 Exposure to maximum rating conditions for extended periods may reduce device reliability. There is no damage to the device with only one parameter set at the limit and all other
parameters set at or below their nominal value. Exceeding any of the limits listed here may result in permanent damage to the device.
2 Measured between pins 1, 2, and 6 shorted together, and pins 3, 4, and 5 shorted together. TA = 25°C and duration = 1 s.
3 Derate linearly to 125 °C free-air temperature at 0.67 mA/°C above 65 °C.
4 For pulse width ≤ 1 μs, pulse repetition rate ≤ 300 pps.
5 Derate linearly to 125 °C free-air temperature at 3.0 mW/°C above 25 °C.
ESD HANDLING: Although this device is designed to be as robust as possible, electrostatic discharge (ESD) can damage this device.
This device must be protected at all times from ESD when handling or transporting. Static charges may easily produce
potentials of several kilovolts on the human body or equipment, which can discharge without detection.
Industry-standard ESD handling precautions should be used at all times.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com