Electronic Components Datasheet Search
  English  ▼

X  

1699863 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1699863
Description  SACC-E-M12FS-5CON-PG9/0,5 VA - Device connector front mounting
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1699863 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1699863 Datasheet HTML 1Page - PHOENIX CONTACT 1699863 Datasheet HTML 2Page - PHOENIX CONTACT 1699863 Datasheet HTML 3Page - PHOENIX CONTACT 1699863 Datasheet HTML 4Page - PHOENIX CONTACT 1699863 Datasheet HTML 5Page - PHOENIX CONTACT 1699863 Datasheet HTML 6Page - PHOENIX CONTACT 1699863 Datasheet HTML 7Page - PHOENIX CONTACT 1699863 Datasheet HTML 8Page - PHOENIX CONTACT 1699863 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Please be informed that the data shown in this PDF document is generated from our Online Catalog. Please find the complete data in the user
documentation. Our General Terms of Use for Downloads are valid.
Device connector front mounting, Universal, 5-position, Flush-type female connector, straight,
M12-Standard, coding: A , on free cable end, Front mounting, Pg9, Individual wires, cable length:
0.5 m, 0.34 mm2, TPE litz wire
Your advantages
Pre-assembled with litz wires for immediate use
•
Customer-specific assemblies and litz wire lengths available
•
Sealed on the litz wire side for optimum leak-tightness
•
For high transmission safety: shield connection to the housing with optional EMC nut
•
Commercial Data
Item number
1699863
Packing unit
1 pc
Minimum order quantity
1 pc
Sales Key
AB26
Product Key
ABQCUE
Catalog Page
Page 268 (C-2-2013)
GTIN
4017918571931
Weight per Piece (including packing)
33.8 g
Weight per Piece (excluding packing)
21.49 g
Customs tariff number
85366990
Country of origin
DE
SACC-E-M12FS-5CON-PG9/0,5 VA - Device
connector front mounting
1699863
https://www.phoenixcontact.com/us/products/1699863
Jul 11, 2023, 4:21 AM
Page 1 (14)


Similar Part No. - 1699863

ManufacturerPart #DatasheetDescription
logo
Linear Technology
169980 LINER-169980 Datasheet
254Kb / 20P
SMBus VID Voltage Programmers
169981 LINER-169981 Datasheet
254Kb / 20P
SMBus VID Voltage Programmers
169982 LINER-169982 Datasheet
254Kb / 20P
SMBus VID Voltage Programmers
logo
PHOENIX CONTACT
1699850 PHOENIX-1699850 Datasheet
486Kb / 10P
SAC-4P-M12MS/ 1,0-PUR/M12FS - Sensor/actuator cable
More results

Similar Description - 1699863

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1554717 PHOENIX-1554717 Datasheet
114Kb / 4P
SACC-DSI-M12FS-5CON-PG9/0,5 VA
1408454 PHOENIX-1408454 Datasheet
1Mb / 13P
SACC-E-M12FS-5CON-M20/0,5 - Device connector front mounting
1513758 PHOENIX-1513758 Datasheet
1Mb / 13P
SACC-E-M12FS-8CON-PG9/0,5 - Device connector front mounting
1452071 PHOENIX-1452071 Datasheet
1Mb / 12P
SACC-E-M12FS-5CON-M20/0,5 VA - Device connector front mounting
1401204 PHOENIX-1401204 Datasheet
1Mb / 9P
SACC-E-M12FS-5CON-PG9/1,0 VAPO - Device connector front mounting
1671098 PHOENIX-1671098 Datasheet
2Mb / 15P
SACC-E-M12FS-5CON-PG9/0,5 - Device connector front mounting
1671108 PHOENIX-1671108 Datasheet
2Mb / 14P
SACC-EC-M12FS-5CON-PG9/0,5 - Device connector front mounting
1671111 PHOENIX-1671111 Datasheet
1Mb / 15P
SACC-E-M12MS-5CON-PG9/0,5 - Device connector front mounting
1693788 PHOENIX-1693788 Datasheet
1Mb / 15P
SACC-E-M12FS-4CON-PG9/0,5 - Device connector front mounting
1452084 PHOENIX-1452084 Datasheet
535Kb / 12P
SACC-E-M12MSB-5CON-M20/0,5 VA - Device connector front mounting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com