Electronic Components Datasheet Search
  English  ▼

X  

AS5911 Datasheet(PDF) 4 Page - ams AG

Part # AS5911
Description  256-Channel Low Noise Current-to-Digital Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5911 Datasheet(HTML) 4 Page - ams AG

  AS5911 Datasheet HTML 1Page - ams AG AS5911 Datasheet HTML 2Page - ams AG AS5911 Datasheet HTML 3Page - ams AG AS5911 Datasheet HTML 4Page - ams AG AS5911 Datasheet HTML 5Page - ams AG AS5911 Datasheet HTML 6Page - ams AG AS5911 Datasheet HTML 7Page - ams AG AS5911 Datasheet HTML 8Page - ams AG AS5911 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Document Feedback
AS5911
General Description
Short Datasheet
• PUBLIC
DS001049
• v1-00 • 2023-Jan-27
10
│ 4
1.1
Key Benefits & Features
The benefits and features of AS5911, 256-Channel Low Noise Current-to-Digital Converter, are listed
below:
Figure 1:
Added Value of Using AS5911
Benefits
Features
256-channel in 14 x 14 mm² FBGA package
No external components required. Integrated
capacitors for supply and reference decoupling
Ultra-low noise of 0.29 fC at 0.5 µA input current
in low noise mode
No charge loss. Continuous charge integration
due to zero dead time of ADC architecture
Lowest power dissipation of 1.25 mW per
channel in low power mode
Selectable full-scale range of 0.5 µA in low
range and 1 µA in high range
Adjustable integration time down to 51 µs
(20 kSPS) at 20-bit resolution. Up to 26-bit at
integration times of 1 ms.
Adjustable full-scale range, integration time and
power consumption via SPI interface as well as
adjustable output modes via LVDS
Zero biased photodiodes (true ground concept)
for ultra-low dark currents
Selectable power supply concept between dual
±1.5 V analog supply (true ground concept) or
single +3.0 V analog supply
Integral Linearity of ±0.080% of reading and
±0.2 ppm of full-scale range (all channels active)
On-chip LDOs, voltage references and
temperature sensor
Automatic zero offset calibration, input charge
calibration and linearity calibration
Built-in diagnostic modes for testing full detector
signal chain
1.2
Applications
●
Medical, industrial and security CT scanner data acquisition
●
Photodiode sensors
●
Multi-channel sensors with current output
●
DAS (Data Acquisition System) for current input



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com