Electronic Components Datasheet Search
  English  ▼

X  

RL306G Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # RL306G
Description  RL306G GENERAL PURPOSE PLASTIC RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

RL306G Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  RL306G Datasheet HTML 1Page - SMC Diode Solutions Co. LTD RL306G Datasheet HTML 2Page - SMC Diode Solutions Co. LTD RL306G Datasheet HTML 3Page - SMC Diode Solutions Co. LTD RL306G Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data
Data Sheet N1928, Rev. -
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
RL306G
RL306G GENERAL PURPOSE PLASTIC RECTIFIER
* Pulse width < 300 µs, duty cycle < 2%
Features
Circuit Diagram
Mechanical Data
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
Repetitive Peak Reverse Voltage
VRRM
-
600
V
RMS Voltage
VRMS
-
420
V
DC Blocking Voltage
VDC
-
600
V
Average Forward Current(Per Device)
IF (AV)
50% duty cycle @TA =75℃
rectangular wave form
3
A
I²t Rating for fusing (t < 8.3ms)
I²t
-
60
A²S
Peak One Cycle Non-Repetitive Surge
Current (Per Leg)
IFSM
8.3 ms, half Sine pulse
120
A
Electrical Characteristics:
Characteristics
Symbol
Condition
Typ.
Max. Units
Forward Voltage Drop(Per Leg)*
VF1
@ 3A, Pulse, TJ = 25℃
1.0
1.1
V
Reverse Current(Per Leg)*
IR1
@VR = rated VR
TJ = 25℃
0.02
5
A
IR2
@VR = rated VR
TJ = 125℃
10
100
A
Junction Capacitance(Per Leg)
CJ
@VR = 4V, TC = 25 C
fSIG = 1MHz
45
-
pF
Case: Molded plastic, DO-15
Terminals: Axial leads, solderable per MIL-STD-750,
method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Low forward voltage drop
Low leakage current
High forward surge capability
Solder Resistance 270℃ / 7s, or 380℃ / 3s
Component in accordance to RoHS 2002/95/EC and
WEEE 2002/96/EC
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
DO-15


Similar Part No. - RL306G

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
RL30 AMPHENOL-RL30 Datasheet
1Mb / 16P
Thermometrics temperature sensor solutions
RL3004-10.8K-138-K AMPHENOL-RL3004-10.8K-138-K Datasheet
64Kb / 2P
Low cost solid state sensor
RL3004-144-95-K AMPHENOL-RL3004-144-95-K Datasheet
64Kb / 2P
Low cost solid state sensor
RL3004-2214-122-K AMPHENOL-RL3004-2214-122-K Datasheet
64Kb / 2P
Low cost solid state sensor
RL3004-291-97-K AMPHENOL-RL3004-291-97-K Datasheet
64Kb / 2P
Low cost solid state sensor
More results

Similar Description - RL306G

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
BY127 CHENYI-BY127 Datasheet
126Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER
logo
General Semiconductor
1N4001 GE-1N4001 Datasheet
45Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER
1N5391 GE-1N5391 Datasheet
45Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER
logo
GOOD-ARK Electronics
1N5400 GOOD-ARK-1N5400 Datasheet
198Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER
RL201 GOOD-ARK-RL201 Datasheet
227Kb / 3P
GENERAL PURPOSE PLASTIC RECTIFIER
logo
Wing Shing Computer Com...
1N4001 WINGS-1N4001 Datasheet
29Kb / 1P
General Purpose Plastic Rectifier
logo
Vishay Siliconix
1N4001 VISHAY-1N4001 Datasheet
82Kb / 5P
General Purpose Plastic Rectifier
23-Feb-11
logo
Shenzhen Taychipst Elec...
GI500 TAYCHIPST-GI500 Datasheet
4Mb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER
logo
Vishay Siliconix
P600A VISHAY-P600A_15 Datasheet
80Kb / 5P
General Purpose Plastic Rectifier
13-Aug-13
logo
Shanghai Leiditech Elec...
1N5406G LEIDITECH-1N5406G Datasheet
385Kb / 2P
General Purpose Plastic Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com