Electronic Components Datasheet Search
  English  ▼

X  

RS1AL Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # RS1AL
Description  RS1AL THRU RS1ML SINGLE PHASE 1.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

RS1AL Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  RS1AL Datasheet HTML 1Page - SMC Diode Solutions Co. LTD RS1AL Datasheet HTML 2Page - SMC Diode Solutions Co. LTD RS1AL Datasheet HTML 3Page - SMC Diode Solutions Co. LTD RS1AL Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data
Data Sheet N1935, Rev. -
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
RS1AL THRU RS1ML
RS1AL THRU RS1ML SINGLE PHASE
1.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIER
Note: 1. Measured at 1.0 MHZ and applied reverse voltage of 4.0 VDC
2. Measured with IF=0.5A, IR=1.0A, Irr=0.25A,
3. Thermal resistance from junction to ambient at 0.375" (9.5mm)lead length,P.C.B. Mounted
Features
Circuit Diagram
Mechanical Data
Maximum Ratings and Electrical Characteristics @TA=25°C unless otherwise specified
Type Number
Symbol
RS1
AL
RS1
BL
RS1
DL
RS1
GL
RS1
JL
RS1
KL
RS1
ML
Units
Marking Code
R1AL R1BL R1DL R1GL R1JL R1KL R1ML
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VR(RMS)
35
70
140
280
420
560
700
Average Rectified Output Current @TA =30°C
IO
1.0
A
Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on rated
load (JEDEC Method)
IFSM
30.0
A
Forward Voltage
@IF = 1.0A, TJ=25°C
VF
1.3
V
Maximum DC reverse current
TA = 25°C
at rated DC blocking voltage
TA = 100°C
IR
5.0
100
µA
Typical junction capacitance (Note 1)
CJ
15
pF
Maximum Reverse Recovery Time (Note 2)
Trr
150
250
500
ns
Typical thermal resistance (Note 3)
RθJA
85
°C/W
Operating junction and storage temperature range
TJ,TSTG
-55 to +150
°C
Case: SOD-123FL, molded plastic
Terminals: Plated leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band dentes cathode end
Mounting Position: Any
Glass passivated device
Ideal for surface mouted applications
Low reverse leakage
Metallurgically bonded construction
High temperature soldering guaranteed: 260 C/10
seconds,0.375”(9.5mm) lead length, 5 lbs. (2.3kg)
tension
Plastic material-UL flammability 94V-0
This is a Halogen Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon
request
SOD-123FL


Similar Part No. - RS1AL

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
RS1AL TSC-RS1AL Datasheet
208Kb / 2P
0.8 AMP. Surface Mount Fast Recovery Rectifiers
RS1AL TSC-RS1AL Datasheet
442Kb / 2P
0.8 AMP. Surface Mount Fast Recovery Rectifiers
RS1AL TSC-RS1AL Datasheet
198Kb / 2P
0.8 AMP. Surface Mount Fast Recovery Rectifiers
logo
Rugao Dachang Electroni...
RS1AL DACHANG-RS1AL Datasheet
129Kb / 2P
Surface Mount Fast Recover Rectifier Reverse Voltage 50 to 1000 V Forward Current 1.0 A
logo
Guangdong Kexin Industr...
RS1AL KEXIN-RS1AL Datasheet
864Kb / 2P
Fast Recovery Diodes
More results

Similar Description - RS1AL

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
ES1AL DYELEC-ES1AL Datasheet
1Mb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER
ES1ANL DYELEC-ES1ANL Datasheet
2Mb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER
ES1AUL DYELEC-ES1AUL Datasheet
1Mb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER
F1A DYELEC-F1A Datasheet
1Mb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIER
F1N DYELEC-F1N Datasheet
2Mb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIER
F1U DYELEC-F1U Datasheet
2Mb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIER
FFM101-M DYELEC-FFM101-M Datasheet
1Mb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIER
FFM101N-M DYELEC-FFM101N-M Datasheet
2Mb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIER
FFM101U-M DYELEC-FFM101U-M Datasheet
1Mb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIER
US1AL DYELEC-US1AL Datasheet
1Mb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT ULTRA FAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com