Electronic Components Datasheet Search
  English  ▼

X  

S1W Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # S1W
Description  S1W General Purpose Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

S1W Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  S1W Datasheet HTML 1Page - SMC Diode Solutions Co. LTD S1W Datasheet HTML 2Page - SMC Diode Solutions Co. LTD S1W Datasheet HTML 3Page - SMC Diode Solutions Co. LTD S1W Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data
Data Sheet N2028, Rev. A
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
S1W
S1W General Purpose Rectifier
Characteristic
Symbol
S1W
Units
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
1600
V
Maximum RMS voltage
VRMS
1120
V
Average Rectified Output Current
60HZ Half-sine wave, Resistance
load, TL =130℃
IO
1
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
35
A
Forward Voltage
@ IF = 1.0 A
VF
1.1
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage @TA = 125°C
IRM
5
200
μA
Typical Junction Capacitance(Note1)
CJ
14
pF
Typical Thermal Resistance Junction
to Lead (Note 2)
RθJL
22
°C/W
Typical Thermal Resistance Junction
to Ambient (Note 2)
RθJA
95
°C/W
Operating and Storage Temperature Range
TJ,TSTG
-55 to +150
°C
Note: 1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with 0.2" x 0.2" ( 5.0 mm x 5.0 mm)
copper pad areas.
Features
Circuit Diagram
Applications
Maximum Ratings and Electrical Characteristics @TA=25°C unless otherwise specified
Rectifier
Glass passivated die construction
High surge current capability
Cases: Molded plastic
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
SMA


Similar Part No. - S1W

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
S1W DIOTEC-S1W Datasheet
112Kb / 2P
Surface Mount Silicon Rectifier Diodes
logo
Semikron International
S1W SEMIKRON-S1W Datasheet
148Kb / 2P
Standard silicon rectifier diodes
S1W SEMIKRON-S1W Datasheet
189Kb / 2P
Standard silicon rectifier diodes
logo
Diotec Semiconductor
S1W DIOTEC-S1W Datasheet
113Kb / 2P
Surface Mount Silicon Rectifier Diodes
S1W DIOTEC-S1W Datasheet
151Kb / 2P
Standard Recovery SMD Rectifier Diodes
More results

Similar Description - S1W

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
GS3AB YANGJIE-GS3AB Datasheet
140Kb / 2P
General Purpose Rectifier
RL251 YANGJIE-RL251 Datasheet
135Kb / 2P
General Purpose Rectifier
logo
Suntan Capacitors
10A05 SUNTAN-10A05 Datasheet
270Kb / 2P
GENERAL PURPOSE RECTIFIER
logo
Yangzhou yangjie electr...
1A1G YANGJIE-1A1G Datasheet
206Kb / 4P
General Purpose Rectifier
1A1 YANGJIE-1A1_17 Datasheet
206Kb / 4P
General Purpose Rectifier
logo
New Jersey Semi-Conduct...
IN4587 NJSEMI-IN4587 Datasheet
145Kb / 2P
General Purpose Rectifier
logo
Inchange Semiconductor ...
1N4590 ISC-1N4590 Datasheet
210Kb / 2P
General Purpose Rectifier
logo
SiPower Inc.
SPAL00340LF SIPOWER-SPAL00340LF Datasheet
288Kb / 1P
General Purpose Rectifier
logo
First Silicon Co., Ltd
6A05 FS-6A05 Datasheet
120Kb / 2P
General Purpose Rectifier
logo
SMC Diode Solutions Co....
S1W-HF SMCDIODE-S1W-HF Datasheet
316Kb / 4P
S1W-HF General Purpose Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com