Electronic Components Datasheet Search
  English  ▼

X  

S3A Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # S3A
Description  S3A THRU S3M SURFACE MOUNT GENERAL RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

S3A Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  S3A Datasheet HTML 1Page - SMC Diode Solutions Co. LTD S3A Datasheet HTML 2Page - SMC Diode Solutions Co. LTD S3A Datasheet HTML 3Page - SMC Diode Solutions Co. LTD S3A Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data
Data Sheet N0564, Rev.C
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
S3A-S3M
S3A THRU S3M
SURFACE MOUNT GENERAL RECTIFIER
Reverse Voltage - 50 to 1000 Volts Forward Current - 3.0 Amperes
Characteristic
Symbol
S3A
S3B
S3D
S3G
S3J
S3K
S3M Units
Maximum repetitive peak reverse voltage
Maximum DC blocking voltage
VRRM
VDC
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420 560
700
V
Maximum average forward rectified current
@TL = 110°C
I(AV)
3.0
A
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load (JEDEC
Method)
IFSM
100.0
A
Maximum instantaneous forward voltage
at 3.0A
VF
1.1
V
Maximum DC reverse current
@TA = 25°C
at rated DC blocking voltage
@TA = 100°C
IR
5.0
100.0
µA
Typical Junction Capacitance (Note 1)
CJ
60.0
pF
Typical Thermal Resistance (Note 2)
RθJA
50.0
°C/W
Operating and Storage Temperature Range
TJ
,
TSTG
-65 to +175
°C
Note: 1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. P.C.B. mounted with 0.2x0.2”(5.0x5.0mm) copper pad areas.
Features
Circuit Diagram
Mechanical Data
Maximum Ratings and Electrical Characteristics @TA=25°C unless otherwise specified
Case: SMC molded plastic
Lead: Solder Plated , Solderable Per MIL-STD
750 ,Method 2026
Polarity: Color band denotes cathode end
Weight: 0.21 grams
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
For surface mounted applications
Low reverse leakage
Built-in strain relief, ideal for automated placement
High forward surge current capability
High temperature soldering guaranteed: 260°C/10
seconds at terminals
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
SMC


Similar Part No. - S3A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S3A PANJIT-S3A Datasheet
415Kb / 2P
SURFACE MOUNT RECTIFIER(VOLTAGE- 50-100 Volts CURRENT- 3.0 Ampere)
logo
Surge Components
S3A SURGE-S3A Datasheet
78Kb / 2P
SURFACE MOUNT RECTIFIER VOLTAGE - 50 TO 1000 Volts CURRENT - 3.0 Ampere????
logo
Transys Electronics
S3A TRSYS-S3A Datasheet
158Kb / 2P
SURFACE MOUNT RECTIFIER
logo
Won-Top Electronics
S3A WTE-S3A Datasheet
38Kb / 3P
3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Jinan Gude Electronic D...
S3A JGD-S3A Datasheet
169Kb / 2P
1.0 AMPS SURFACE MOUNT RECTIFIERS
More results

Similar Description - S3A

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
S1AL DACHANG-S1AL Datasheet
128Kb / 2P
Surface Mount General Rectifier
S3A DACHANG-S3A Datasheet
116Kb / 2P
Surface Mount General Rectifier
logo
Diotech Company.
S5A DIOTECH-S5A Datasheet
727Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
Microdiode Semiconducto...
S3A CHENDA-S3A Datasheet
551Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
S3AF CHENDA-S3AF Datasheet
639Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
Shenzhen Yixinwei Techn...
M1THRUM7 YIXIN-M1THRUM7 Datasheet
133Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
Microdiode Semiconducto...
GS1A CHENDA-GS1A_V01 Datasheet
752Kb / 3P
SURFACE MOUNT GENERAL RECTIFIER
S1A CHENDA-S1A_V01 Datasheet
599Kb / 3P
SURFACE MOUNT GENERAL RECTIFIER
logo
SHIKUES Electronics
GS1AG SKTECHNOLGY-GS1AG Datasheet
603Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
RFE international
S3A RFE-S3A Datasheet
1Mb / 3P
Surface Mount General Purpose Rectifier S3A Through S3M
09-JUN-2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com