Electronic Components Datasheet Search
  English  ▼

X  

S3AB Datasheet(PDF) 3 Page - SMC Diode Solutions Co. LTD

Part # S3AB
Description  S3AB THRU S3MB 3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

S3AB Datasheet(HTML) 3 Page - SMC Diode Solutions Co. LTD

  S3AB Datasheet HTML 1Page - SMC Diode Solutions Co. LTD S3AB Datasheet HTML 2Page - SMC Diode Solutions Co. LTD S3AB Datasheet HTML 3Page - SMC Diode Solutions Co. LTD S3AB Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Technical Data
Data Sheet N0563, Rev. D
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
S3AB-S3MB
For information on tape and reel specifications, including part
orientation and tape sizes, please refer to our tape and reel
packaging specification.
Mechanical Dimensions SMB
SYMBOL
Millimeters
Inches
Min.
Max.
Min.
Max.
A
3.30
3.94
0.130
0.155
B
4.06
4.70
0.160
0.185
C
1.80
2.20
0.071
0.087
D
0.152
0.305
0.006
0.012
E
4.80
5.59
0.189
0.220
F
2.10
2.60
0.083
0.102
G
0.051
0.203
0.002
0.008
H
0.76
1.52
0.030
0.060
Ordering Information
Marking Diagram
Device
Package
Shipping
S3AB-S3MB
SMB(Pb-Free)
3000pcs / reel
S3ABTR-S3MBTR
SMB(Pb-Free)
3000pcs / reel
Carrier Tape Specification SMB
SYMBOL
Millimeters
Min.
Max.
A
3.99
4.19
B
5.72
5.92
C
3.23
3.43
d
1.40
1.60
E
1.40
1.60
F
5.60
5.70
P
7.90
8.10
P0
3.90
4.10
P1
1.90
2.10
T
-
0.60
W
11.80
12.20
Where XXXXX is YYWWL
S3AB
= Part Name
YY
= Year
WW
= Week
L
= Lot Number
Cautions:Molding resin
Epoxy resin UL:94V-0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com