Electronic Components Datasheet Search
  English  ▼

X  

S5AC Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # S5AC
Description  S5AC THRU S5MC SURFACE MOUNT GLASS PASSIVATED RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

S5AC Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  S5AC Datasheet HTML 1Page - SMC Diode Solutions Co. LTD S5AC Datasheet HTML 2Page - SMC Diode Solutions Co. LTD S5AC Datasheet HTML 3Page - SMC Diode Solutions Co. LTD S5AC Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data
Data Sheet N0565, Rev.A
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
S5AC-S5MC
S5AC THRU S5MC
SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Characteristics
Symbol S5AC S5BC S5DC S5GC S5JC S5KC S5MC Units
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Average Rectified Output Current @TL= 75°C
IO
5.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
100
A
Forward Voltage
@ IF = 5.0 A
VF
1.15
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage @TA = 125°C
IRM
10
250
μA
Typical Junction Capacitance(Note2)
CJ
40
pF
Typical Thermal Resistance Junction
to Lead (Note 3)
RθJL
10
°C/W
Operating and Storage Temperature Range
TJ,TSTG
-65 to +150
°C
Note: 1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Mounted on P.C.B. with 8.0mm2 land areas.
Features
Circuit Diagram
Mechanical Data
Maximum Ratings and Electrical Characteristics @TA=25°C unless otherwise specified
Case: SMC molded plastic
Lead: Solder Plated , Solderable Per MIL-STD
750 ,Method 2026
Polarity: Color band denotes cathode end
Weight: 0.21 grams
SMC
Glass Passivated Die Construction
Ideally Suited for Automatic Assembly
Low Forward Voltage Drop
Low Power Loss
Built-in Strain Relief
Plastic Case Material has UL Flammability
Classification Rating 94V-0
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request


Similar Part No. - S5AC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
S5AC DIODES-S5AC Datasheet
47Kb / 2P
5.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS16007 Rev. 4 - 2
S5AC DIODES-S5AC Datasheet
82Kb / 3P
5.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16007 Rev. 7 - 2
logo
Galaxy Semi-Conductor H...
S5AC BILIN-S5AC Datasheet
89Kb / 2P
SURFACE MOUNT RECTIFIER
logo
PACELEADER INDUSTRIAL
S5AC PACELEADER-S5AC Datasheet
145Kb / 2P
SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
S5AC DIODES-S5AC Datasheet
101Kb / 4P
5.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16007 Rev. 9 - 2
More results

Similar Description - S5AC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GF1A VISHAY-GF1A_11 Datasheet
81Kb / 4P
Surface Mount Glass Passivated Rectifier
15-Mar-11
logo
Tiger Electronic Co.,Lt...
S1A TGS-S1A Datasheet
51Kb / 1P
SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Shenzhen Taychipst Elec...
S3A TAYCHIPST-S3A Datasheet
14Mb / 2P
SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Vishay Siliconix
S1M-E3-61T VISHAY-S1M-E3-61T Datasheet
83Kb / 4P
Surface Mount Glass Passivated Rectifier
11-Dec-12
S2M-E3-52T VISHAY-S2M-E3-52T Datasheet
86Kb / 4P
Surface Mount Glass Passivated Rectifier
22-Mar-12
S2G-E3-52T VISHAY-S2G-E3-52T Datasheet
86Kb / 4P
Surface Mount Glass Passivated Rectifier
22-Mar-12
logo
SMC Diode Solutions Co....
S1A SMCDIODE-S1A Datasheet
303Kb / 4P
S1A THRU S1M 1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev. B
S1AB SMCDIODE-S1AB Datasheet
337Kb / 4P
S1AB THRU S1MB 1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev. B
S2A SMCDIODE-S2A Datasheet
354Kb / 4P
S2A THRU S2M 2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev. A
S3AB SMCDIODE-S3AB Datasheet
354Kb / 4P
S3AB THRU S3MB 3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev. D
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com