Electronic Components Datasheet Search
  English  ▼

X  

SB3220 Datasheet(PDF) 2 Page - SMC Diode Solutions Co. LTD

Part # SB3220
Description  SB3220 SCHOTTKY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

SB3220 Datasheet(HTML) 2 Page - SMC Diode Solutions Co. LTD

  SB3220 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD SB3220 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD SB3220 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD SB3220 Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical Data
Data Sheet N0880, Rev.A
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
SB3220
10
100
1000
5
10
15
20
25
30
35
40
Reverse Voltage-VR(V)
Characteristics
Symbol
Condition
Specification
Units
Junction Temperature
TJ
-
-55 to +150
C
Storage Temperature
Tstg
-
-55 to +150
C
Typical Thermal Resistance Junction to
Ambient
RJA
DC operation
25
C/W
Approximate Weight
wt
-
1.02
g
Thermal-Mechanical Specifications:
Ratings and Characteristics Curves
TJ=25℃
TJ=25℃
TJ=125℃
Fig.1-Typical Junction Capacitance
Fig.2-Typical Values Of Reverse Current
1
10
100
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
Forward Voltage Drop-VF(V)
Fig.3-Typical Forward Voltage Drop Characteristics
TJ=25℃
TJ=125℃



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com