Electronic Components Datasheet Search
  English  ▼

X  

SD560B Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # SD560B
Description  SD560B STANDARD RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

SD560B Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  SD560B Datasheet HTML 1Page - SMC Diode Solutions Co. LTD SD560B Datasheet HTML 2Page - SMC Diode Solutions Co. LTD SD560B Datasheet HTML 3Page - SMC Diode Solutions Co. LTD SD560B Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data
Data Sheet N1412, Rev. D
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
SD560B
SD560B STANDARD RECTIFIER
Single phase half-wave 60Hz, resistive or inductive load, for capacitive load current derate by 20%.
Characteristic
Symbol
SD560B
Units
Maximum Peak Repetitive Reverse Voltage
Maximum DC Blocking Voltage
VRRM
VDC
600
V
Maximum RMS Voltage
VRMS
420
V
Maximum Average Forward Rectified Current
0.375”(9.5mm) Lead Length @TA = 75°C
I(AV)
5.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
200
A
I²t Rating for fusing (t < 8.3ms)
I²t
166
A²S
Maximum Instantaneous Forward Voltage @IF = 5.0A
VF
1.2
V
Maximum DC Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IR
9.0
170
uA
Typical Junction Capacitance (Note 1)
Cj
50
pF
Typical Thermal Resistance (Note 2)
RJA
20
°C/W
Operating Storage Temperature Range
TSTG
-65 to +175
°C
Operating Junction Temperature
TJ
-65 to +175
°C
Note: 1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Thermal resistance from junction to ambient at 0.375”(9.5mm)lead length, P.C.B. mounted.
Features
Circuit Diagram
Mechanical Data
Maximum Ratings and Electrical Characteristics @TA=25°C unless otherwise specified
Case: SMB molded plastic body
Terminals: Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.09 grams
SMB
Glass Passivated Die Construction
Ideally Suited for Automatic Assembly
Low Forward Voltage Drop
Low Power Loss
Built Strain Relief
Plastic Case Material has UL Flammability
Classification Rating 94V-O
This is a Halogen Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request


Similar Part No. - SD560B

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SD560B SMC-SD560B Datasheet
188Kb / 5P
STANDARD RECTIFIER
SD560BP SMC-SD560BP Datasheet
191Kb / 5P
Glass Passivated Die Construction
logo
SMC Diode Solutions Co....
SD560BP SMCDIODE-SD560BP Datasheet
297Kb / 4P
SD560BP STANDARD RECTIFIER
Rev. A
More results

Similar Description - SD560B

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DMA10P1600PZ IXYS-DMA10P1600PZ Datasheet
140Kb / 5P
Standard Rectifier
DSI30-12AS IXYS-DSI30-12AS Datasheet
140Kb / 5P
Standard Rectifier
DMA10IM1200UZ IXYS-DMA10IM1200UZ Datasheet
195Kb / 5P
Standard Rectifier
DMA50P1200HR IXYS-DMA50P1200HR Datasheet
403Kb / 5P
Standard Rectifier
DSP25-12AT IXYS-DSP25-12AT Datasheet
150Kb / 5P
Standard Rectifier
DSP45-12AZ IXYS-DSP45-12AZ Datasheet
142Kb / 5P
Standard Rectifier
DMA30IM1600PZ IXYS-DMA30IM1600PZ Datasheet
141Kb / 5P
Standard Rectifier
DMA50P1600HB IXYS-DMA50P1600HB Datasheet
355Kb / 5P
Standard Rectifier
DSI30-16A IXYS-DSI30-16A Datasheet
323Kb / 5P
Standard Rectifier
DSP45-16AZ IXYS-DSP45-16AZ Datasheet
142Kb / 5P
Standard Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com