Electronic Components Datasheet Search
  English  ▼

X  

MPS2222A Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # MPS2222A
Description  TO-92 Plastic-Encapsulate Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

MPS2222A Datasheet(HTML) 2 Page - Nanjing International Group Co

  MPS2222A Datasheet HTML 1Page - Nanjing International Group Co MPS2222A Datasheet HTML 2Page - Nanjing International Group Co MPS2222A Datasheet HTML 3Page - Nanjing International Group Co MPS2222A Datasheet HTML 4Page - Nanjing International Group Co MPS2222A Datasheet HTML 5Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
(/(&75,&$/&+$5$&7(5,67,&6
Parameter
Symbol
Test
conditions
Min
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC= 10uA , IE=0
75
V
Collector-emitter breakdown voltage
V(BR)CEO
IC= 10mA , IB=0
40
V
Emitter-base breakdown voltage
V(BR)EBO
IE= 10uA, IC=0
6
V
Collector cut-off current
ICBO
VCB= 60V, IE=0
10
nA
Collector cut-off current
ICEX
10
nA
Emitter cut-off current
IEBO
VEB= 3 V, IC=0
100
nA
hFE(1)
VCE=10V,IC= 150mA
100
300
hFE(2)
VCE=10V,IC= 0.1mA
40
DC current gain
hFE(3)*
VCE=10V, IC= 500mA
42
VCE(sat)(1) *
IC= 500mA, IB=50mA
0.6
V
Collector-emitter saturation voltage
VCE(sat)(2) *
IC= 150mA, IB=15mA
0.3
V
Base-emitter saturation voltage
VBE(sat) *
IC= 500mA, IB= 50mA
1.2
V
Delay time
td
10
nS
Rise time
tr
VCC=30V, VEB(Off)=-0.5V,
IC=150mA,IB1=15mA
25
nS
Storage time
tS
225
nS
Fall time
tf
VCC=30V,Ic=150mA,IB1=IB2=15mA
60
nS
Transition frequency
fT
VCE=20V, IC=20mA, f=100MHz
300
MHz
*pulse test
CLASSIFICATION OF hFE(1)
Rank
L
H
Range
100-200
200-300
a
T =25
unless otherwise specified
VCE=60V,VEB(off)=3V
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com