Electronic Components Datasheet Search
  English  ▼

X  

S9012W Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # S9012W
Description  SOT-323 Plastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

S9012W Datasheet(HTML) 2 Page - Nanjing International Group Co

  S9012W Datasheet HTML 1Page - Nanjing International Group Co S9012W Datasheet HTML 2Page - Nanjing International Group Co S9012W Datasheet HTML 3Page - Nanjing International Group Co S9012W Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
-1
-10
-100
10
100
1000
-1
-10
-100
-1
-10
-100
-1000
-0.1
-1
-10
1
-10
-100
10
0
25
50
75
100
125
150
0
50
100
150
200
250
-0.0
-0.2
-0.4
-0.6
-0.8
-1.0
-0.1
-1
-10
-100
-1
-10
-100
-0.0
-0.4
-0.8
-1.2
-0
-1
-2
-3
-4
-5
-0
-20
-40
-60
-80
f
T
——
I
C
h
FE
——
COMMON EMITTER
V
CE
=-1V
-500
T
a
=100℃
T
a
=25℃
COLLECTOR CURRENT
I
C
(mA)
I
C
COLLECTOR CURRENT
I
C
(mA)
β=10
T
a
=25℃
T
a
=100℃
I
C
V
CEsat
——
-500
1000
100
-500
100
10
-20
Cob
Cib
REVERSE VOLTAGE
V
(V)
f=1MHz
I
E
=0/I
C
=0
T
a
=25℃
V
CB
/ V
EB
C
ob
/ C
ib
——
-5
V
CE
=-6V
T
a
=25℃
COLLECTOR CURRENT
I
C
(mA)
AMBIENT TEMPERATURE
T
a
(
)
℃
P
C
——
T
a
V
BE
I
C
——
T
a
=25℃
T
a
=100℃
COMMON EMITTER
V
CE
=-1V
BASE-EMMITER VOLTAGE V
BE
(V)
β=10
COLLECTOR CURRENT
I
C
(mA)
T
a
=25℃
T
a
=100℃
-500
I
C
V
BEsat
——
-300uA
-270uA
Static Characteristic
COLLECTOR-EMITTER VOLTAGE
V
CE
(V)
-240uA
-210uA
-180uA
-150uA
-120uA
-90uA
-60uA
I
B
=-30uA
COMMON
EMITTER
T
a
=25℃
Typical Characteristics
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com