Electronic Components Datasheet Search
  English  ▼

X  

16-001070 Datasheet(PDF) 1 Page - CONEC Elektronische Bauelemente GmbH

Part # 16-001070
Description  SCREEN CAP 9-37pos. FOR SOCKET CONNECTOR with threaded insert, screw and wire rope
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

16-001070 Datasheet(HTML) 1 Page - CONEC Elektronische Bauelemente GmbH

  16-001070 Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
A
A
A
A
A
A
A
B
B
B
B
B
B
B
B
C
C
C
C
C
C
C
C
D
D
D
D
D
D
D
D
E
E
E
E
E
E
E
E
F
F
F
F
F
F
F
F
A
A
A
A
A
A
A
A
B
B
B
B
B
B
B
B
C
C
C
C
C
C
C
C
D
D
D
D
D
D
D
D
dim. in mm
R
R
R
R
date
drawn
Inventor 10
d-old
norm
appd.
tolerance
material:
title:
dwg no:
DIN-
sh:
part no:
name
date
name
description
rev.
scale:
CUSTOMER APPROVAL DATE:
NAME:
TITLE:
COMPANY NAME:
APPROVAL # FREIGABE # DEBLOCAGE # AUTORIZACION # APPROVAL
APPROVAL # FREIGABE # DEBLOCAGE # AUTORIZACION # APPROVAL
16K1A2401
A3
1
SCREEN CAP
SEE NOTES
Petker
20.11.08
20.11.08
Fischer
ISO 2768-m
9-37pos. FOR SOCKET CONNECTOR
with threaded insert, screw and wire rope
2:1 (5:1)
see table
a
Origin
NOTES:
1. METALSHELLS: STEEL; min. 315µin TIN over 40-80µin NICKEL
2. THREADED INSERT: COPPER ALLOY; min. 200µin TIN over 80µin NICKEL
3. COLLAR: COPPER ALLOY; min. 200µin TIN over 80µin NICKEL
4. SCREW: STEEL; NICKEL PLATED
5. WIRE ROPE: STAINLESS STEEL 1.4401
6. RETAINING WASHER: STAINLESS STEEL 1.4122
7. TERMINAL RING: UNINSULATED, COPPER ALLOY; min. 200µinTIN over 80µin NICKEL
8. MAXIMUM TORQUE VALUE FOR THREAD: 6in.LB
9. CONNECTOR IS PART MARKED: PART NO. CONEC ABC
25,00
33,30
47,04
63,50
+0,12
-0,10
+0,15
`0,13
+0,13
-0,11
16,79
25,12
38,84
55,30
6,12
6,12
5,99
5,99
-0,3
+0,25
31,19
39,52
53,42
69,70
-0,76
9
15
25
37
C
B
D
A
No. of pos.
UNC 4-40
Part No. for socket connector
M 3
16-001000
16-001010
16-001020
16-001030
16-001050
16-001060
16-001070
16-001080
15
9
25
37
No.of pos.
B
A
M3
4-40 UNC
SEE NOTE 9
8,26 - 0,03
0,22
+
LANYARD ROTATES FREELY
10
8
`
6,3
5
2x TERMINAL RING
( 5 : 1 )
C
4
n
SCREW
n3,2


Similar Part No. - 16-001070

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
16-001040 CONEC-16-001040 Datasheet
78Kb / 1P
SCREEN CAP 50pos. FOR SOCKET CONNECTOR with threaded insert, screw and wire rope
20.11.08
16-001090 CONEC-16-001090 Datasheet
78Kb / 1P
SCREEN CAP 50pos. FOR SOCKET CONNECTOR with threaded insert, screw and wire rope
20.11.08
More results

Similar Description - 16-001070

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
16-000230 CONEC-16-000230 Datasheet
94Kb / 1P
SCREEN CAP 9-37pos. FOR SOCKET CONNECTOR with threaded insert, jackscrew and wire rope
30.04.08
16-000270 CONEC-16-000270 Datasheet
91Kb / 1P
SCREEN CAP 50pos. FOR SOCKET CONNECTOR with threaded insert, jackscrew and wire rope
26.05.08
16-000330 CONEC-16-000330 Datasheet
96Kb / 1P
SCREEN CAP 9-37pos. FOR PLUG CONNECTOR with threaded insert, jackscrew and wire rope
02.05.08
16-000370 CONEC-16-000370 Datasheet
86Kb / 1P
SCREEN CAP 50pos. FOR PLUG CONNECTOR with threaded insert, jackscrew and wire rope
26.05.08
16-000790 CONEC-16-000790 Datasheet
93Kb / 1P
SCREEN CAP 9-37pos. FOR SOCKET CONNECTOR with threaded insert, jackscrew and wire rope
17.11.08
16-000830 CONEC-16-000830 Datasheet
90Kb / 1P
SCREEN CAP 50pos. FOR SOCKET CONNECTOR with threaded insert, jackscrew and wire rope
17.11.08
16-000900 CONEC-16-000900 Datasheet
95Kb / 1P
SCREEN CAP 9-37pos. FOR PLUG CONNECTOR with threaded insert, jackscrew and wire rope
17.11.08
16-001040 CONEC-16-001040 Datasheet
78Kb / 1P
SCREEN CAP 50pos. FOR SOCKET CONNECTOR with threaded insert, screw and wire rope
20.11.08
16-001100 CONEC-16-001100 Datasheet
81Kb / 1P
SCREEN CAP 9-37pos. FOR PLUG CONNECTOR with threaded insert, screw and wire rope
20.11.08
16-001190 CONEC-16-001190 Datasheet
73Kb / 1P
SCREEN CAP 50pos. FOR PLUG CONNECTOR with threaded insert, screw and wire rope
20.11.08
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com