Electronic Components Datasheet Search
  English  ▼

X  

ADRF5022 Datasheet(PDF) 10 Page - Analog Devices

Part # ADRF5022
Description  Silicon SPDT Switch, Nonreflective, 100 MHz to 45 GHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5022 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADRF5022 Datasheet HTML 4Page - Analog Devices ADRF5022 Datasheet HTML 5Page - Analog Devices ADRF5022 Datasheet HTML 6Page - Analog Devices ADRF5022 Datasheet HTML 7Page - Analog Devices ADRF5022 Datasheet HTML 8Page - Analog Devices ADRF5022 Datasheet HTML 9Page - Analog Devices ADRF5022 Datasheet HTML 10Page - Analog Devices ADRF5022 Datasheet HTML 11Page - Analog Devices ADRF5022 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Data Sheet
ADRF5022
THEORY OF OPERATION
analog.com
Rev. 0 | 10 of 12
The ADRF5022 integrates a driver to perform logic function inter-
nally and to provide the advantage of a simplified control interface.
The driver features two digital control input pins (CTRL and EN)
that control the state of RF paths, determining which RF port is in
insertion loss state and which RF port is in isolation state (see Table
7).
POWER SUPPLY
The ADRF5022 requires a positive supply voltage applied to the
VDD pin and a negative supply voltage applied to the VSS pin.
Bypassing capacitors are recommended on the supply lines to
minimize RF coupling.
The ideal power-up sequence is as follows:
1. Connect the ground.
2. Power up VDD and VSS. Power up VSS after VDD to avoid
current transients on VDD during ramp-up.
3. Power up the digital control inputs. Power the digital control
inputs before the VDD supply can inadvertently forward bias
and damage the internal ESD protection structures. To avoid
this damage, use a series 1 kΩ resistor to limit the current
flowing into the control pin. Use pull-up or pull-down resistors if
the controller output is in a high impedance state after VDD is
powered up and the control pins are not driven to a valid logic
state.
4. Apply an RF input signal.
The ideal power-down sequence is the reverse order of the power-
up sequence.
Single-Supply Operation
The ADRF5022 can operate with a single positive supply voltage
applied to the VDD and VSS pin connected to ground. However,
some performance difference can occur in switching characteristics
and large signal. For more details, see Table 1.
RF INPUT AND OUTPUT
All of the RF ports (RFC, RF1, RF2) are DC-coupled to 0 V, and no
DC blocking is required at the RF ports when the RF line potential
is equal to 0 V.
The RF ports are internally matched to 50 Ω. Therefore, external
matching networks are not required.
When the EN pin is logic low, the logic level applied to the CTRL
pin determines which RF port is in insertion loss state and which
RF port is in isolation state. The insertion loss path conducts the
RF signal between the selected RF throw port and the RF common
port. The isolation path provides high loss between the insertion
loss path and the unselected RF throw port that is terminated to an
internal 50 Ω resistor.
When the EN pin is logic high, the switch is in an all-off state
regardless of the logic state of the CTRL pin. Both the RF1 to RFC
path and the RF2 to RFC path are in an isolation state. The RF1
and RF2 ports are terminated to internal 50 Ω resistors, and the
RFC port becomes reflective open.
The switch design is bidirectional with equal power handling capa-
bilities. The RF input signal can be applied to the RFC port or the
selected RF throw port.
Table 7. Control Voltage Truth Table
Digital Control Inputs
RF Paths
EN
CTRL
RF1 to RFC
RF2 to RFC
Low
Low
Isolation (off)
Insertion loss (on)
Low
High
Insertion loss (on)
Isolation (off)
High
Low
Isolation (off)
Isolation (off)
High
High
Isolation (off)
Isolation (off)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com