Electronic Components Datasheet Search
  English  ▼

X  

2SC4027 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SC4027
Description  HIGH-VOLTAGE SWITCHING APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC4027 Datasheet(HTML) 1 Page - Unisonic Technologies

  2SC4027 Datasheet HTML 1Page - Unisonic Technologies 2SC4027 Datasheet HTML 2Page - Unisonic Technologies 2SC4027 Datasheet HTML 3Page - Unisonic Technologies 2SC4027 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UTC2SC4027 NPNEPITAXIALSILICONTRANSISTOR
UTC UNISONIC TECHNOLOGIES CO., LTD.
1
QW-R209-018,A
HIGH-VOLTAGE SWITCHING
APPLICATIONS
FEATURES
*High voltage and large current capacity.
*Fast switching time.
APPLICATION
*Converters, inverters, color TV audio output.
*Complementary to 2SA1522.
TO-252
1
1:BASE 2: COLLECTOR 3: EMITTER
ABSOLUTE MAXIMUM RATINGS (Ta=25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector to Base Voltage
VCBO
180
V
Collector to Emitter Voltage
VCEO
160
V
Emitter to Base Voltage
VEBO
6
V
Collector Current
Ic
1.5
A
Collector Current (Pulse)
Icp
2.5
A
Collector Dissipation
Tc=25
°C
Pc
1
15
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
-55 ~+150
°C
ELECTRICAL CHARACTERISTICS (Ta=25℃,unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP MAX UNIT
Collector to Base Breakdown Voltage
V(BR)CBO
Ic=10A,IE=0
180
V
Collector to Emitter Breakdown Voltage
V(BR)CEO
Ic=1mA,RBE=∞
160
V
Emitter to Base Breakdown Voltage
V(BR)EBO
IE=10µA,Ic=0
6
V
Collector Cutoff Current
ICBO
VCB=120V,IE=0
1.0
µA
Emitter Cutoff Current
IEBO
VEB=4V,Ic=0
1.0
µA
DC Current Gain
hFE1
hFE2
VCE=5V,Ic=100mA
VCE=5V,Ic=10mA
100
80
400
Collector-to-Emitter Saturation Voltage
VCE(sat)
Ic=500mA,IB=50mA
0.13
0.45
V
Base-to-Emitter Saturation Voltage
VBE(sat)
Ic=500mA,IB=50mA
0.85
1.2
V
Gain-Bandwidth Product
fT
VCE=10V,Ic=50mA
120
MHz
Output Capacitance
Cob
VCB=-10V,f=1MHz
12
pF
Turn-On Time
ton
60
µs
Storage Time
tstg
1.2
µs
Fall Time
tf
See specified Test Circuit
80
µs


Similar Part No. - 2SC4027

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4027 SANYO-2SC4027 Datasheet
129Kb / 4P
High-Voltage Switching Applications
logo
Guangdong Kexin Industr...
2SC4027 KEXIN-2SC4027 Datasheet
46Kb / 2P
NPN Epitaxial Planar Silicon Transistor
logo
Unisonic Technologies
2SC4027 UTC-2SC4027 Datasheet
151Kb / 5P
HIGH-VOLTAGE SWITCHING APPLICATIONS
logo
Sanyo Semicon Device
2SC4027 SANYO-2SC4027 Datasheet
174Kb / 5P
High-Voltage Switching Applications
logo
Unisonic Technologies
2SC4027 UTC-2SC4027 Datasheet
152Kb / 5P
HIGH-VOLTAGE SWITCHING APPLICATIONS
More results

Similar Description - 2SC4027

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1592 SANYO-2SA1592 Datasheet
128Kb / 4P
High-Voltage Switching Applications
2SA1768 SANYO-2SA1768 Datasheet
120Kb / 4P
High-Voltage Switching Applications
2SA1770 SANYO-2SA1770 Datasheet
116Kb / 4P
High-Voltage Switching Applications
CPH3140 SANYO-CPH3140 Datasheet
47Kb / 4P
High-Voltage Switching Applications
logo
Toshiba Semiconductor
1SS403 TOSHIBA-1SS403_07 Datasheet
179Kb / 4P
High Voltage Switching Applications
2SA1972 TOSHIBA-2SA1972_07 Datasheet
150Kb / 4P
High-Voltage Switching Applications
logo
Guangdong Kexin Industr...
2SA1419 KEXIN-2SA1419 Datasheet
511Kb / 3P
High-Voltage Switching Applications
2SA1415 KEXIN-2SA1415 Datasheet
412Kb / 3P
High-Voltage Switching Applications
2SA1416 KEXIN-2SA1416 Datasheet
509Kb / 3P
High-Voltage Switching Applications
2SC4135 KEXIN-2SC4135 Datasheet
45Kb / 2P
High-Voltage Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com