Electronic Components Datasheet Search
  English  ▼

X  

2SD718 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SD718
Description  HIGH POWER AMPLIFIER APPLICATION
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD718 Datasheet(HTML) 1 Page - Unisonic Technologies

  2SD718 Datasheet HTML 1Page - Unisonic Technologies 2SD718 Datasheet HTML 2Page - Unisonic Technologies 2SD718 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UTC2SD718
NPN EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO., LTD.
1
QW-R214-003,A
HIGH POWER AMPLIFIER
APPLICATION
FEATURES
*Recommended for 45~50W Audio Frequency
*Amplifier Output Stage.
*Complementary to 2SB688.
TO-3P
1
1: BASE 2:COLLECTOR 3: EMITTER
ABSOLUTE MAXIMUM RATINGS (Ta=25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
120
V
Collector-Emitter Voltage
VCEO
120
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
Ic
10
A
Base Current
IB
1
A
Collector Power Dissipation (Tc=25℃)
Pc
80
W
Junction Temperature
Tj
150
℃
Storage Temperature Range
Tstg
-55 ~150
℃
ELECTRICAL CHARACTERISTICS (Ta=25℃,unless otherwise specified))
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX UNIT
Collector-Emitter Breakdown Voltage
V(BR)CEO
Ic=50mA,IB=0
120
V
Collector Cut-off Current
ICBO
VCB=120V,IE=0
10
μ
A
Emitter Cut-off Current
IEBO
VEB=5V,Ic=0
10
μ
A
DC Current Gain
HFE
VCE=5V,Ic=1A
55
160
Collector-Emitter Saturation Voltage
VCE(sat)
Ic=6A,IB=0.6A
2.0
V
Base-Emitter Voltage
VBE
VCE=5V,Ic=5A
1.5
V
Transition Frequency
fT
VCE=5V,Ic=1A
12
MHz
Collector Output Capacitance
Cob
VCB=10V,IE=0, f=1MHz
170
pF
CLASSIFICATION OF hFE
RANK
R
O
RANGE
55-110
80-160


Similar Part No. - 2SD718

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SD718 MOSPEC-2SD718 Datasheet
118Kb / 3P
POWER TRANSISTORS(8A,120V,80W)
logo
Wing Shing Computer Com...
2SD718 WINGS-2SD718 Datasheet
29Kb / 1P
NPN PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
logo
Savantic, Inc.
2SD718 SAVANTIC-2SD718 Datasheet
175Kb / 4P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SD718 ISC-2SD718 Datasheet
182Kb / 4P
Silicon NPN Power Transistors
logo
JILIN SINO-MICROELECTRO...
2SD718 JSMC-2SD718 Datasheet
318Kb / 5P
Power Amplifier Applications
More results

Similar Description - 2SD718

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3497 TOSHIBA-2SK3497 Datasheet
149Kb / 3P
High Power Amplifier Application
logo
Unisonic Technologies
2SB688 UTC-2SB688 Datasheet
123Kb / 2P
HIGH POWER AMPLIFIER APPLICATION
logo
Toshiba Semiconductor
2SJ200 TOSHIBA-2SJ200_07 Datasheet
426Kb / 5P
High Power Amplifier Application
2SK1530 TOSHIBA-2SK1530_09 Datasheet
388Kb / 4P
High-Power Amplifier Application
2SK3497 TOSHIBA-2SK3497_09 Datasheet
157Kb / 5P
High Power Amplifier Application
2SJ201-Y TOSHIBA-2SJ201-Y Datasheet
269Kb / 5P
High-Power Amplifier Application
2SK1530O TOSHIBA-2SK1530O Datasheet
372Kb / 4P
High-Power Amplifier Application
2SK1530-Y TOSHIBA-2SK1530-Y Datasheet
372Kb / 4P
High-Power Amplifier Application
2SK1530Y TOSHIBA-2SK1530Y Datasheet
372Kb / 4P
High-Power Amplifier Application
2SK1530-YF TOSHIBA-2SK1530-YF Datasheet
372Kb / 4P
High-Power Amplifier Application
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com