Electronic Components Datasheet Search
  English  ▼

X  

D313 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # D313
Description  NPN EPITAXIAL PLANAR TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

D313 Datasheet(HTML) 1 Page - Unisonic Technologies

  D313 Datasheet HTML 1Page - Unisonic Technologies D313 Datasheet HTML 2Page - Unisonic Technologies D313 Datasheet HTML 3Page - Unisonic Technologies D313 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2SD313
NPN SILICON TRANSISTOR
www.unisonic.com.tw
1 of 4
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R203-001,B
NPN EPITAXIAL PLANAR
TRANSISTOR
DESCRIPTION
The UTC 2SD313 is designed for use in general purpose
amplifier and switching applications.
TO-220
1
*Pb-free plating product number:2SD313L
ORDERING INFORMATION
Order Number
Pin Assignment
Normal
Lead Free Plating
Package
1
2
3
Packing
2SD313-x-TA3-T
2SD313L-x-TA3-T
TO-220
B
C
E
Tube
2SD313L-x-TA3-T
(1)Packing Type
(2)Package Type
(3)Rank
(4)Lead Plating
(1) T: Tube
(2) TA3: TO-220
(3) x: refer to Classification of hFE
(4) L: Lead Free Plating, Blank: Pb/Sn


Similar Part No. - D313

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
D313 UTC-D313 Datasheet
92Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
D313 UTC-D313 Datasheet
135Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
Savantic, Inc.
D313 SAVANTIC-D313 Datasheet
101Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
D313 ISC-D313 Datasheet
93Kb / 3P
Silicon NPN Power Transistors
logo
Mospec Semiconductor
D313 MOSPEC-D313 Datasheet
115Kb / 3P
POWER TRANSISTORS(3A,60V,30W)
More results

Similar Description - D313

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
2SD1609 UTC-2SD1609 Datasheet
85Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GESD1060 GTM-GESD1060 Datasheet
424Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GI41C GTM-GI41C Datasheet
150Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GI122 GTM-GI122 Datasheet
161Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com