Electronic Components Datasheet Search
  English  ▼

X  

16DPGS5B Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part # 16DPGS5B
Description  SWITCHING TRANSIENT FILTERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

16DPGS5B Datasheet(HTML) 4 Page - Delta Electronics, Inc.

  16DPGS5B Datasheet HTML 1Page - Delta Electronics, Inc. 16DPGS5B Datasheet HTML 2Page - Delta Electronics, Inc. 16DPGS5B Datasheet HTML 3Page - Delta Electronics, Inc. 16DPGS5B Datasheet HTML 4Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
UNIT:
INCH
mm
6-4
A
C
B
0.173
4.4
0.29
7.4
ALL WIRE LEADS 4.0" LONG MIN.
ALL WIRE LEADS 4.0" LONG MIN.
(2X)
D
6.30
A
B
(2X)
F
BLUE
BROWN
D
F MIN.
5.30
(2X)
BLUE
BROWN
6.30
A
B
D
B
6.30
(2X)
A
#8-32
MECHANICAL CONSTRUCTION
B
C
0.173
A
4.4
GW5B
CG5B/CG5C
CW5B/CW5S/CW5C
CS5C
GG5B



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com