Electronic Components Datasheet Search
  English  ▼

X  

BA9741 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # BA9741
Description  TWO-CHANNEL SWITCHING REGULATOR CONTORLLER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BA9741 Datasheet(HTML) 2 Page - Unisonic Technologies

  BA9741 Datasheet HTML 1Page - Unisonic Technologies BA9741 Datasheet HTML 2Page - Unisonic Technologies BA9741 Datasheet HTML 3Page - Unisonic Technologies BA9741 Datasheet HTML 4Page - Unisonic Technologies BA9741 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UTCBA9741
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD. 2
QW-R103-017,B
PIN DESCRIPTIONS
PIN NO.
PIN NAME
FUNCTOIN
1
CT
External timing capacitor
2
RT
External timing resistor
3
NON1
Positive input for error amplifier 1
4
INV1
Negative input for error amplifier 1
5
FB1
Error amplifier 1 output
6
DT1
Output 1 dead time/soft start setting
7
OUT1
Output 1
8
GND
Ground
9
Vcc
Power supply
10
OUT2
Output 2
11
DT2
Output 2 dead time / soft start setting
12
FB2
Error amplifier 2 output
13
INV2
Negative input for error amplifier 2
14
NON2
Positive input for error amplifier 2
15
SCP
Time latch setting
16
VREF
Reference voltage output (2.5V)
BLOCK DIAGRAM
Vcc
2
1
9
Reference
Voltage
3
4
5
6
8
7
Triangle
Oscillator
16
14
13
12
15
11
10
VREF
Vref
+
-
+
-
+
-
+
+
-
+
+
-
+
NON 1
INV 1
FB 1
NON 2
INV 2
FB 2
SCP
Err
Amp 1
Err
Amp 2
Vref
SR
Timer
Latch
R
UVLO
SCP Comp
Vref
Vref
DT1 DT2
GND
PWM Comp2
PWM Comp1
CT
RT
OUT1
OUT2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com