Electronic Components Datasheet Search
  English  ▼

X  

L3380 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # L3380
Description  PWM STEP UP DC-DC CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L3380 Datasheet(HTML) 4 Page - Unisonic Technologies

  L3380 Datasheet HTML 1Page - Unisonic Technologies L3380 Datasheet HTML 2Page - Unisonic Technologies L3380 Datasheet HTML 3Page - Unisonic Technologies L3380 Datasheet HTML 4Page - Unisonic Technologies L3380 Datasheet HTML 5Page - Unisonic Technologies L3380 Datasheet HTML 6Page - Unisonic Technologies L3380 Datasheet HTML 7Page - Unisonic Technologies L3380 Datasheet HTML 8Page - Unisonic Technologies L3380 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
L3380
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 9
www.unisonic.com.tw
QW-R502-099,A
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
VOUT Pin Voltage
VOUT
12
V
SHUTDOWN Pin Voltage
VSHUTDOWN
VSS-0.3~12
V
EXT Pin Voltage
VEXT
-0.3~ VOUT+0.3
V
EXT Pin Current
IEXT
±80
mA
Power Dissipation
PD
250
mW
Operating Ambient Temperature
TOPR
-40~+85
℃
Storage Temperature
TSTG
-40~ +125
℃
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS
Refer to the test circuit, TOPR=25ºC, VIN=VOUT (S)*0.6, IOUT=VOUT (S)/50Ω, unless otherwise specified.
PARAMETER
SYMBOL
TEST
CIRCUIT
TEST CONDITION
MIN
TYP
MAX
UNIT
TOTAL DEVICE
Output Voltage
VOUT
2
VOUT
(S)*0.976
VOUT (S)
VOUT
(S)*1.024
V
Supply Current 1
IS1
1
VOUT=VOUT (S)*0.95
39.8
66.4
uA
Supply Current 2
IS2
1
VOUT=VIN (S)+0.5V
6.3
12.5
uA
Input Voltage
VIN
2
10
V
Operation Holding Voltage
VHOLD
2
Measured by decreasing VIN
voltage gradually, when
IOUT=1mA.
0.7
V
Operation Start Voltage
VST1
2
IOUT=1mA
0.9
V
Oscillation Start Voltage
VST2
1
Increase the VIN until EXT pin
output the oscillating signal
0.8
V
Oscillation Frequency
fOSC
1
VOUT=VOUT (S)*0.95
85
100
115
KHZ
Duty Ratio
Duty
1
VOUT=VOUT (S)*0.95
75
83
90
%
Line Regulation
⊿
LNR
2
VIN=VOUT (S)*0.4 to *0.6
30
60
mV
Load Regulation
⊿
LDR
2
IOUT=10uA to VOUT (S)/50*1.25
30
60
mV
Temperature Coefficient
ET
2
⊿
VOUT/(⊿TOPR*VOUT)
TOPR=-40℃ to +85℃
±
50
ppm/
℃
Efficiency
EF
2
86
%
Soft Start time
Ts
2
3.0
6.0
12.0
ms
SHUTDOWN
Shutdown Supply Current
ISS
1
VSHUTDOWN=0
0.5
uA
ISH
VSHUTDOWN=VOUT (S)*0.95
0.1
uA
Shutdown Pin Input
Current
ISL
1
VSHUTDOWN=0
-0.1
uA
VIH
Shutdown pin “L” to “H” until
EXT output oscillating signal
0.75
V
VIL1
VOUT≥1.5V
0.3
V
Shutdown Pin Input
Voltage Threshold
V IL2
1
Shutdown pin
“H” to “L” until
EXT output
oscillating signal VOUT<1.5V
0.2
V
EXT
IEXTH
1
VEXT=VOUT (S) -0.4V
-16.1
-32.3
mA
EXT Pin Current
IEXTL
1
VEXT= 0.4V
27.4
54.8
mA
Note: VOUT (S) is the value of the set output voltage.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com