Electronic Components Datasheet Search
  English  ▼

X  

LD2985 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # LD2985
Description  VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LD2985 Datasheet(HTML) 2 Page - Unisonic Technologies

  LD2985 Datasheet HTML 1Page - Unisonic Technologies LD2985 Datasheet HTML 2Page - Unisonic Technologies LD2985 Datasheet HTML 3Page - Unisonic Technologies LD2985 Datasheet HTML 4Page - Unisonic Technologies LD2985 Datasheet HTML 5Page - Unisonic Technologies LD2985 Datasheet HTML 6Page - Unisonic Technologies LD2985 Datasheet HTML 7Page - Unisonic Technologies LD2985 Datasheet HTML 8Page - Unisonic Technologies LD2985 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
UTCLD2985
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
2
QW-R102-024,C
MARKING INFORMATION
PART
NUMBER
VOLTAGE
VOLTAGE
CODE
PART
NUMBER
VOLTAGE
VOLTAGE
CODE
MARKING
LD2985-1.5V
1.5V
A5
LD2985-3.3V
3.3V
C3
LD2985-1.8V
1.8V
A8
LD2985-3.5V
3.5V
C5
LD2985-2.5V
2.5V
B5
LD2985-3.6V
3.6V
C6
LD2985-2.8V
2.8V
B8
LD2985-3.8V
3.8V
C8
LD2985-2.85V
2.85V
BJ
LD2985-4.0V
4.0V
D0
LD2985-3.0V
3.0V
C0
LD2985-4.7V
4.7V
D7
LD2985-3.1V
3.1V
C1
LD2985-5.0V
5.0V
E0
LD2985-3.2V
3.2V
C2
5
4
3
VOLTAGE
CODE
21
L D
BLOCK DIAGRAM
Vout
DRIVER
ERROR
AMPLIFIER
CURRENT
LIMIT
REFERENCE
VOLTAGE
START-UP
SHUTDOWN
TERM. PROTEC.
GND
BYPASS
SHDN
Vin
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
DC Input Voltage
Vi
16
V
INHIBIT Input Voltage
VINH
16
V
Output Current
Io
Internally limited
Power Dissipation
Ptot
Internally limited
Storage Temperature Range
Tstg
-65 ~ +150
℃
Operating Junction Temperature Range
Top
-40 ~ +125
℃
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Thermal Resistance Junction-case
Rthj-case
81
℃/W



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com