Electronic Components Datasheet Search
  English  ▼

X  

TL12904BF Datasheet(PDF) 2 Page - Transko Electronics, Inc.

Part # TL12904BF
Description  129.57 MHz IF SAW Filter / 4.37 MHz Bandwidth
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

TL12904BF Datasheet(HTML) 2 Page - Transko Electronics, Inc.

  TL12904BF Datasheet HTML 1Page - Transko Electronics, Inc. TL12904BF Datasheet HTML 2Page - Transko Electronics, Inc. TL12904BF Datasheet HTML 3Page - Transko Electronics, Inc. TL12904BF Datasheet HTML 4Page - Transko Electronics, Inc. TL12904BF Datasheet HTML 5Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TL12904BF
Transko Electronics, Inc.
3981 E. Miraloma Ave., Anaheim CA 92806 USA
Tel: 714-528-8000 Fax: 714-528-8017 Website: www.transko.com
E-mail: sales@transko.com
RoHS
Compliant
RoHS
Compliant
RoHS
Compliant
RoHS
Compliant
Package Dimensions
Testing Environment
Test Fixture & Values
Input
L1=22 nH, L2=22 nH
Output
L3=27 nH, L4=18 nH
Source/Load Impedance
50
Ω
B, C, E, F
Ground
A
Input
D
Output



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com