Electronic Components Datasheet Search
  English  ▼

X  

LM4880 Datasheet(PDF) 7 Page - Unisonic Technologies

Part # LM4880
Description  DUAL 250m W AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM4880 Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button LM4880 Datasheet HTML 2Page - Unisonic Technologies LM4880 Datasheet HTML 3Page - Unisonic Technologies LM4880 Datasheet HTML 4Page - Unisonic Technologies LM4880 Datasheet HTML 5Page - Unisonic Technologies LM4880 Datasheet HTML 6Page - Unisonic Technologies LM4880 Datasheet HTML 7Page - Unisonic Technologies LM4880 Datasheet HTML 8Page - Unisonic Technologies LM4880 Datasheet HTML 9Page - Unisonic Technologies LM4880 Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
UTCLM4880
CMOS IC
UTC UNISONIC TECHNOLOGIES CO., LTD.
7
QW-R502-033,A
Output Power vs Supply Voltage
2.5
3.0
3.5
4.0
4.5
5.0
0
50
100
150
200
250
300
5.5
2.5
3.0
3.5
4.0
4.5
5.0
0
50
100
150
200
250
300
350
400
SUPPLY VOLTAGE (V)
5.5
10% THD+N
f=1kHz
RL=8Ω
Av=-1
BW<80kHz
Clipping Voltage vs Supply Voltage
2.5
3.0
3.5
4.0
4.5
5.0
100
110
120
130
140
150
5.5
450
1% THD+N
0.1% THD+N
10% THD+N
f=1kHz
RL=16Ω
Av=-1
BW<80kHz
1% THD+N
0.1% THD+N
Output Power vs Supply Voltage
2.5
3.0
3.5
4.0
4.5
5.0
0
25
50
75
100
125
150
5.5
10% THD+N
f=1kHz
RL=32Ω
Av=-1
BW<80kHz
1% THD+N
0.1% THD+N
Output Power vs Supply Voltage
Clipping Voltage vs Supply Voltage
2.5
3.0
3.5
4.0
4.5
5.0
300
350
400
450
500
550
600
650
SUPPLY VOLTAGE (V)
5.5
RL=8Ω
Power Dissipation vs Output Power
0
50
100
150
200
250
0
50
100
150
200
300
RL=8Ω
RL=16Ω
RL=32Ω
VDD=5V
f=1kHz
THD+N<1.0%
Av=-1
BW<80kHz
SUPPLY VOLTAGE (V)
SUPPLY VOLTAGE (V)
SUPPLY VOLTAGE (V)
OUTPUT POWER (mW)
RL=32Ω



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com