Electronic Components Datasheet Search
  English  ▼

X  

EN12 Datasheet(PDF) 1 Page - Bi technologies

Part # EN12
Description  12mm Rotary Encoder 2 Bits Gray Code Incremental/Contacting Type Metal Bushing/Plastic Shaft Push-on Switch Option RoHS Compliant
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

EN12 Datasheet(HTML) 1 Page - Bi technologies

  EN12 Datasheet HTML 1Page - Bi technologies EN12 Datasheet HTML 2Page - Bi technologies EN12 Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Model EN12
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
March 5, 2007
page 1 of 3
BI technologies
12mm Rotary Encoder
2 Bits Gray Code
Incremental/Contacting Type
Metal Bushing/Plastic Shaft
Push-on Switch Option
RoHS Compliant
MODEL STYLES
MODEL STYLES
MODEL STYLES
MODEL STYLES
Top Adjust, with Switch
EN12-HS
Top Adjust, without Switch
EN12-HN
Side Adjust, with Switch
EN12-VS
Side Adjust, without Switch
EN12-VN
ELECTRICAL
ELECTRICAL
ELECTRICAL
ELECTRICAL
1
1
1
1
Pulses ( Per Revolution )
12 & 24
Closed Circuit Resistance, Ohms
3 Ohms, max.
Contact Rating
1mA/ 5Vdc
Operating Current, Maximum
1mA
Dielectric Strength
300Vac/ 1mA, I minute
Insulation Resistance, Minimum
100M ohms at 250Vdc/ 1mA
Sliding Noise ( at 60 RPM )
2.0ms max.
Contact Bounce ( at 15 RPM)
5.0ms max.
Operating Speed ( RPM )
100 RPM max.
Switch Power Rating
10mA/ 5Vdc
Switch Contact Resistance
100 milliohms
Actual Electrical Travel, Nominal
Continuous
MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL
Total Mechanical Travel
Continuous
Detents (per Revolution)
0, 12, 24
Rotational Torque of Detent, Maximum
1.4 oz-in
Switch Operating Force
550 gf
Switch Travel
0.5mm
1
Specifications subject to change without notice.


Similar Part No. - EN12

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
EN12 TTELEC-EN12 Datasheet
587Kb / 3P
Rotary Encoder
logo
Bi technologies
EN12-HN BITECH-EN12-HN Datasheet
75Kb / 3P
12mm Rotary Encoder 2 Bits Gray Code Incremental/Contacting Type Metal Bushing/Plastic Shaft Push-on Switch Option RoHS Compliant
EN12-HS BITECH-EN12-HS Datasheet
75Kb / 3P
12mm Rotary Encoder 2 Bits Gray Code Incremental/Contacting Type Metal Bushing/Plastic Shaft Push-on Switch Option RoHS Compliant
EN12-VN BITECH-EN12-VN Datasheet
75Kb / 3P
12mm Rotary Encoder 2 Bits Gray Code Incremental/Contacting Type Metal Bushing/Plastic Shaft Push-on Switch Option RoHS Compliant
EN12-VS BITECH-EN12-VS Datasheet
75Kb / 3P
12mm Rotary Encoder 2 Bits Gray Code Incremental/Contacting Type Metal Bushing/Plastic Shaft Push-on Switch Option RoHS Compliant
More results

Similar Description - EN12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2321S-AQ0600-AQ0120 ETC1-2321S-AQ0600-AQ0120 Datasheet
139Kb / 2P
Medium Duty Incremental Rotary Shaft Encoder
P231 ETC2-P231 Datasheet
306Kb / 3P
24mm Rotary Potentiometer Carbon Element Metal shaft / Bushing RoHS Compliant
logo
Bi technologies
EN11 BITECH-EN11 Datasheet
584Kb / 4P
11mm Rotary Encoder 2 Bits Gray Code Incremental/Contacting Type Metal Bushing/Shaft Push-on Switch Option RoHS Compliant
EN16 BITECH-EN16 Datasheet
262Kb / 3P
16mm Rotary Encoder 2 Bits Gray Code Incremental/Contacting Type Metal Bushing/Plastic Shaft RoHS Compliant
P09X BITECH-P09X Datasheet
532Kb / 5P
9mm Rotary Potentiometer Multi - Ganged Conductive Plastic Element 100,000 Cycle Life Metal shaft / Bushing Switch / Push-Lock Option RoHS Compliant
P170N BITECH-P170N Datasheet
441Kb / 6P
17mm Rotary Potentiometer Metal Shaft / Bushing Conductive Plastic Element 100,000 Cycle Life Switch Option RoHS Compliant
logo
C-Media Electronics
P230-1FC20BR100K CMEDIA-P230-1FC20BR100K Datasheet
318Kb / 3P
24mm Rotary Potentiometer Conductive Plastic Element 500,000 Cycle Life Metal Shaft Brass Bushing RoHS Compliant
logo
Bi technologies
EN11 BITECH-EN11_11 Datasheet
144Kb / 4P
11mm Rotary Encoder 2 Bits Gray Code Incremental/Contacting Type Metal Bushing/Shaft Push-on Switch Option RoHS Compliant
P231 BITECH-P231 Datasheet
65Kb / 3P
24mm Rotary Potentiometer Conductive Plastic Element 100,000 Cycle Life Metal shaft / Bushing RoHS Compliant
EN12 BITECH-EN12_15 Datasheet
75Kb / 3P
12mm Rotary Encoder 2 Bits Gray Code Incremental/Contacting Type Metal Bushing/Plastic Shaft Push-on Switch Option RoHS Compliant
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com