Electronic Components Datasheet Search
  English  ▼

X  

7KMM Datasheet(PDF) 1 Page - TOKO, Inc

Part # 7KMM
Description  Variable Coils
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

7KMM Datasheet(HTML) 1 Page - TOKO, Inc

  7KMM Datasheet HTML 1Page - TOKO, Inc 7KMM Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
76
7mm TYPE 7KMM
Frequency Range: 2-120MHz
Inductance Range: 0.03-82
µH
Temperature Coefficient: Of Inductor TC (L) 220±220ppm/°C
With Internal Capacitor TC (F) 0±250ppm/°C
Optional Internal Capacitance Values: 5-100pF (1)
TYPE 7KMM
TOKO
Inductance
Test
Part
Range
Q
Frequency
Number
(
µH)
(min.)
(MHz)
292KNAS-T1028Z
0.10 ±6%
35
50.0
292KNAS-T1029Z
0.12±6%
35
50.0
292KNAS-T1030Z
0.15±6%
35
50.0
292KNAS-T1031Z
0.18±6%
35
50.0
292KNAS-T1032Z
0.22±6%
50
50.0
292KNAS-T1033Z
0.27±6%
50
50.0
292KNAS-T1034Z
0.33±6%
50
50.0
292KNAS-T1035Z
0.39±6%
50
50.0
292KNAS-T1036Z
0.47±6%
50
50.0
292KNAS-T1037Z
0.56±6%
50
50.0
292KNAS-T1038Z
0.68±6%
50
50.0
292KNAS-T1039Z
0.82±6%
50
50.0
292CNS-T1040Z
1.0±6%
40
7.96
292CNS-T1041Z
1.2±6%
40
7.96
292CNS-T1042Z
1.5±6%
40
7.96
292CNS-T1043Z
1.8±6%
40
7.96
292CNS-T1044Z
2.2±6%
40
7.96
292CNS-T1045Z
2.7±6%
40
7.96
292CNS-T1046Z
3.3±6%
40
7.96
292CNS-T1047Z
3.9±6%
40
7.96
292CNS-T1048Z
4.7±6%
40
7.96
292CNS-T1049Z
5.6±6%
40
7.96
292CNS-T1050Z
6.8±6%
40
7.96
292CNS-T1051Z
8.2±6%
40
2.52
F292CNS-T1052Z
10.0±6%
35
2.52
F292CNS-T1053Z
12.0±6%
35
2.52
F292CNS-T1054Z
15.0±6%
35
2.52
F292CNS-T1055Z
18.0±6%
35
2.52
F292CNS-T1056Z
22.0±6%
35
2.52
F292CNS-T1057Z
27.0±6%
35
2.52
F292CNS-T1058Z
33.0±6%
35
2.52
F292CNS-T1059Z
39.0±6%
35
2.52
F292CNS-T1060Z
47.0±6%
35
2.52
F292CNS-T1061Z
56.0±6%
35
2.52
F292CNS-T1062Z
68.0±6%
35
2.52
F292CNS-T1063Z
82.0±6%
35
2.52
STANDARD COILS SELECTION GUIDE
(1) As an option, this type is available with a funnel tapered slot for automatic alignment machines.
continued on next page
Features
• Spiral wound with high number of closely spaced slots on
form, yields low distributed capacitance, low temperature
coefficient, and added stability in humid conditions.
• Large capacity bobbin for higher inductance requirement.
7.8 Max
TYPE
7KMM
Variable Coils
Unit: mm


Similar Part No. - 7KMM

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
7KM3133-0BA00-3AA0 SIEMENS-7KM3133-0BA00-3AA0 Datasheet
243Kb / 8P
Power Meter
7KM3220-0BA01-1DA0 SIEMENS-7KM3220-0BA01-1DA0 Datasheet
654Kb / 6P
SENTRON PAC3220 LCD 96X96 mm Power Monitoring Device Controll
12/8/2022
7KM4211-1BA00-3AA0 SIEMENS-7KM4211-1BA00-3AA0 Datasheet
292Kb / 8P
Power Meter
7KM4212-0BA00-3AA0 SIEMENS-7KM4212-0BA00-3AA0 Datasheet
292Kb / 8P
Power Meter
7KM9200-0AB00-0AA0 SIEMENS-7KM9200-0AB00-0AA0 Datasheet
292Kb / 8P
Power Meter
More results

Similar Description - 7KMM

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
294SN-T1008Z TOKO-294SN-T1008Z Datasheet
31Kb / 1P
Variable Coils
5KM TOKO-5KM Datasheet
38Kb / 1P
Variable Coils
451AN-0002Z TOKO-451AN-0002Z Datasheet
26Kb / 1P
Variable Coils
7KLL TOKO-7KLL Datasheet
41Kb / 3P
Variable Coils
7BR-151208N2 TOKO-7BR-151208N2 Datasheet
27Kb / 1P
Variable Coils
7PA TOKO-7PA Datasheet
20Kb / 1P
Variable Coils
7PL TOKO-7PL Datasheet
29Kb / 1P
Variable Coils
7TS TOKO-7TS Datasheet
26Kb / 1P
Variable Coils
logo
Central Technologies
CTCLNSF CT-CTCLNSF Datasheet
262Kb / 1P
Variable Coils
logo
XFMRS Inc.
XF757595-R47 XFMRS-XF757595-R47 Datasheet
34Kb / 1P
VARIABLE COILS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com