Electronic Components Datasheet Search
  English  ▼

X  

7TS Datasheet(PDF) 1 Page - TOKO, Inc

Part # 7TS
Description  Variable Coils
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

7TS Datasheet(HTML) 1 Page - TOKO, Inc

  7TS Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
114
Meeting Your Needs
1.800.PIK.TOKO
1.847.297.0070
www.tokoam.com
STANDARD COILS SELECTION GUIDE
TYPE 7TS
TOKO
Inductance
Test
Part
Range
Q
Frequency
Number
(mH)
(min.)
(KHz)
247BR-0028Z
0.10
±4%
80
796.0
247BR-0029Z
0.15
±4%
80
796.0
247BR-0030Z
0.22
±4%
80
796.0
247BR-0031Z
0.33
±4%
80
796.0
247BR-0032Z
0.47
±4%
80
796.0
247BR-0033Z
0.68
±4%
80
796.0
247MN-0335Z
1.00
±4%
60
252.0
247MN-0537Z
1.50
±4%
80
252.0
247MN-0628Z
2.20
±5%
70
252.0
247MN-0170Z
3.30
±5%
60
252.0
247MN-0534Z
4.70
±6%
50
252.0
247MN-0411Z
6.80
±5%
65
252.0
TYPE 7TL
TOKO
Inductance
Test
Part
Range
Q
Frequency
Number
(mH)
(min.)
(KHz)
269LN-0031Z
0.22
±5%
60
796.0
269LN-0089Z
0.47
±5%
60
796.0
269LN-0091Z
0.82
±5%
60
796.0
269LN-0330Z
1.00
±6%
80
252.0
269LN-0332Z
1.20
±6%
80
252.0
269LN-0093Z
1.80
±5%
70
252.0
269LN-0094Z
2.70
±5%
70
252.0
269LN-0095Z
3.90
±5%
70
252.0
269LN-0096Z
5.60
±5%
70
252.0
269LN-0097Z
8.20
±5%
70
252.0
269LN-0051Z
10.0
±5%
70
79.6
269LN-0098Z
12.4
±5%
55
79.6
269LN-0099Z
15.0
±5%
50
79.6
7mm TYPE 7TS, 7TL
Frequency Range: 10-200kHz (10-200kHz)
Inductance Range: 0.1-7mH (0.2-15.0mH)
Temperature Coefficient: TC (L) 220
±220ppm/°C max. (150±150ppm/°C)
Features
• The higher inductance makes the 7TS/7TL suitable for
low frequency and large inductance applications.
• 7TS is low profile version of only 6.2mm.
TYPE
7TS
7TL
Variable Coils


Similar Description - 7TS

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
294SN-T1008Z TOKO-294SN-T1008Z Datasheet
31Kb / 1P
Variable Coils
5KM TOKO-5KM Datasheet
38Kb / 1P
Variable Coils
451AN-0002Z TOKO-451AN-0002Z Datasheet
26Kb / 1P
Variable Coils
7KLL TOKO-7KLL Datasheet
41Kb / 3P
Variable Coils
7KMM TOKO-7KMM Datasheet
31Kb / 2P
Variable Coils
7BR-151208N2 TOKO-7BR-151208N2 Datasheet
27Kb / 1P
Variable Coils
7PA TOKO-7PA Datasheet
20Kb / 1P
Variable Coils
7PL TOKO-7PL Datasheet
29Kb / 1P
Variable Coils
logo
Central Technologies
CTCLNSF CT-CTCLNSF Datasheet
262Kb / 1P
Variable Coils
logo
XFMRS Inc.
XF757595-R47 XFMRS-XF757595-R47 Datasheet
34Kb / 1P
VARIABLE COILS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com