Electronic Components Datasheet Search
  English  ▼

X  

SDD660 Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # SDD660
Description  SDD660 STANDARD RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

SDD660 Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  SDD660 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD SDD660 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD SDD660 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Technical Data
Data Sheet N1653, Rev. A
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
SDD660
SDD660 STANDARD RECTIFIER
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Features
Circuit Diagram
Mechanical data
Maximum Ratings and Electrical Characteristics @TA=25°C unless otherwise specified
Characteristic
Symbol
SDD660
Units
Maximum Peak Repetitive Reverse Voltage
Maximum DC Blocking Voltage
VRRM
VR
600
V
Maximum RMS Voltage
VRMS
420
Maximum Average Forward Rectified Current
0.375”(9.5mm) Lead Length @TC = 105°C
I(AV)
6.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
70
A
Maximum Instantaneous Forward Voltage @IF = 6.0A
VF
1.1
V
Maximum DC Reverse Current
At Rated DC Blocking Voltage
@TA = 25°C
IR
5
uA
Maximum Thermal Resistance Junction to Case
RJC
5
°C/W
Operating Storage Temperature Range
TSTG
-55 to +150
°C
Operating Junction Temperature
TJ
-55 to +150
°C
Glass Passivated Die Construction
Ideally Suited for Automatic Assembly
Low Forward Voltage Drop
Low Power Loss
Built Strain Relief
Plastic Case Material has UL Flammability
Classification Rating 94V-O
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
Case: Molded Plastic
Terminals: Solder Plated , Solderable Per MIL-STD
750, Method 2026
Weight: 0.39 grams(Approx)
DPAK


Similar Part No. - SDD660

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SDD660 SMC-SDD660 Datasheet
147Kb / 4P
STANDARD RECTIFIER
More results

Similar Description - SDD660

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DMA10P1600PZ IXYS-DMA10P1600PZ Datasheet
140Kb / 5P
Standard Rectifier
DSI30-12AS IXYS-DSI30-12AS Datasheet
140Kb / 5P
Standard Rectifier
DMA10IM1200UZ IXYS-DMA10IM1200UZ Datasheet
195Kb / 5P
Standard Rectifier
DMA50P1200HR IXYS-DMA50P1200HR Datasheet
403Kb / 5P
Standard Rectifier
DSP25-12AT IXYS-DSP25-12AT Datasheet
150Kb / 5P
Standard Rectifier
DSP45-12AZ IXYS-DSP45-12AZ Datasheet
142Kb / 5P
Standard Rectifier
DMA30IM1600PZ IXYS-DMA30IM1600PZ Datasheet
141Kb / 5P
Standard Rectifier
DMA50P1600HB IXYS-DMA50P1600HB Datasheet
355Kb / 5P
Standard Rectifier
DSI30-16A IXYS-DSI30-16A Datasheet
323Kb / 5P
Standard Rectifier
DSP45-16AZ IXYS-DSP45-16AZ Datasheet
142Kb / 5P
Standard Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com