Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC125AD Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC125AD
Description  QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC125AD Datasheet(HTML) 21 Page - Texas Instruments

Back Button SN74LVC125AD Datasheet HTML 17Page - Texas Instruments SN74LVC125AD Datasheet HTML 18Page - Texas Instruments SN74LVC125AD Datasheet HTML 19Page - Texas Instruments SN74LVC125AD Datasheet HTML 20Page - Texas Instruments SN74LVC125AD Datasheet HTML 21Page - Texas Instruments SN74LVC125AD Datasheet HTML 22Page - Texas Instruments SN74LVC125AD Datasheet HTML 23Page - Texas Instruments SN74LVC125AD Datasheet HTML 24Page - Texas Instruments SN74LVC125AD Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
MSP430C11x1, MSP430F11x1A
MIXED SIGNAL MICROCONTROLLER
SLAS241H − SEPTEMBER 1999 − REVISED SEPTEMBER 2004
20
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (continued)
TA − Free-Air Temperature − °C
400
450
500
550
600
650
−45
−25
−5
15
35
55
75
95
VCC = 3 V
Figure 6. V(RefVT) vs Temperature, VCC = 3 V
Typical
Figure 7. V(RefVT) vs Temperature, VCC = 2.2 V
TA − Free-Air Temperature − °C
400
450
500
550
600
650
−45
−25
−5
15
35
55
75
95
VCC = 2.2 V
Typical
_
+
CAON
0
1
V+
0
1
CAF
Low Pass Filter
τ ≈ 2.0 µs
To Internal
Modules
Set CAIFG
Flag
CAOUT
V−
VCC
1
0 V
0
Figure 8. Block Diagram of Comparator_A Module
Overdrive
VCAOUT
t(response)
V+
V−
400 mV
Figure 9. Overdrive Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com