Electronic Components Datasheet Search
  English  ▼

X  

MMBT3904 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MMBT3904
Description  GENERAL PURPOSE APPLIATION
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MMBT3904 Datasheet(HTML) 2 Page - Unisonic Technologies

  MMBT3904 Datasheet HTML 1Page - Unisonic Technologies MMBT3904 Datasheet HTML 2Page - Unisonic Technologies MMBT3904 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MMBT3904
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R206-012,B
ABSOLUTE MAXIMUM RATING ( Ta=25℃, unless otherwise specified )
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
40
V
Emitter-Base Voltage
VEBO
6
V
Collector Current
IC
200
mA
Collector Dissipation
PC
350
mW
Junction Temperature
TJ
+150
℃
Storage Temperature
TSTG
-55 ~ +150
℃
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25℃, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP
MAX
UNIT
Collector Cut-off Current
ICEX
VCE=30V, VEB=3V
50
nA
Base Cut-off Current
IBL
VCE=30V, VEB=3V
50
nA
Collector-base breakdown voltage
VCBO
IC=10μA, IE=0
60
V
Collector-emitter breakdown voltage (note)
VCEO
IC=1mA, IB=0
40
V
Emitter-base breakdown voltage
VEBO
IE=10μA, IC=0
6
V
hFE1
VCE=1V, IC=0.1mA
40
hFE2
VCE=1V, IC=1mA
70
hFE3
VCE=1V, IC=10mA
100
300
hFE4
VCE=1V, IC=50mA
60
DC current gain (note)
hFE5
VCE=1V, IC=100mA
30
VCE(SAT)1IC=10mA, IB=1mA
0.2
V
Collector-emitter saturation voltage (note)
VCE(SAT)2IC=50mA, IB=5mA
0.3
V
VBE(SAT)1IC=10mA, IB=1mA
0.65
0.85
V
Base-emitter saturation voltage (note)
VBE(SAT)2IC=50mA, IB=5mA
0.95
V
Current gain bandwidth product
fT
VCE=20V, IC=10mA, f=100MHz
300
MHz
Output Capacitance
Cob
VCB=5V, IE=0, f=1MHz
4
pF
Turn on time
tON
VCC=3V,
VBE=0.5V,
IC=10mA,
IB1=1mA
70
ns
Turn off time
tOFF
IB1=1B2=1mA
250
ns
Note: Pulse test: PW<=300
μs, Duty Cycle<=2%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com